Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVR21 Datasheet(PDF) 1 Page - Rohm

Part # MVR21
Description  Chip trimmer potentiometers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MVR21 Datasheet(HTML) 1 Page - Rohm

  MVR21 Datasheet HTML 1Page - Rohm MVR21 Datasheet HTML 2Page - Rohm MVR21 Datasheet HTML 3Page - Rohm MVR21 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MVR21
Resistors
1/3
Chip trimmer potentiometers
MVR21
Features
1) Extremely small size and light weight facilitate the assembly of light, thinner, and smaller equipment.
2) Close match between wiper and resistive element reduces wiper noise.
3) Ruthenium oxide resistor material, with superb stability and resistance to humidity and the elements, offers the same
outstanding reliability of our existing product (MVR22).
4) Open design for reflow soldering.
5) Cross groove for easy adjustment.
6) Protective film prevents short circuits due to terminal contact.
7) ROHM resistors have approved ISO-9001 / ISO/TS 16949 certification. Design and specifications are subject to
change without notice. Carefully check the specification sheet supplied with the product before using or ordering it.
Ratings
Item
Conditions
Specifications
0.15W (3 / 20W) / element
Rated power
Rated voltage
Nominal total
resistance range
Max. operating voltage
50V
100 to 2.2M
Ω
Operating temperature
−55˚C to +155˚C
Resistance
variation
B (linear) characteristics
Total
resistance tolerance
±25%
at 70˚C
The voltage rating is calculated by the following equation. If the value
obtained exceeds the maximum operating voltage, the voltage rating
is equal to the maximum operating voltage.
E : Rated voltage (V)
P : Rated power (W)
R : Nominal resistance (
Ω)
E = P
× R
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70˚C.
(recommended resistance value : E3 series)
(applicable resistance value : E6 series)
0
20
40
60
80
100
– 55
0
70
100
125
155
AMBIENT TEMPERATURE ( ˚C)
Fig.1


Similar Part No. - MVR21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MVR2035CT MICROSEMI-MVR2035CT Datasheet
151Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
MVR2040CT MICROSEMI-MVR2040CT Datasheet
151Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
MVR2045CT MICROSEMI-MVR2045CT Datasheet
151Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
MVR2045CTP MICROSEMI-MVR2045CTP Datasheet
151Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
MERITEK ELECTRONICS COR...
MVR20A102KG-S MERITEK-MVR20A102KG-S Datasheet
202Kb / 11P
Metal Oxide Varistors
More results

Similar Description - MVR21

ManufacturerPart #DatasheetDescription
logo
Rohm
MVR32 ROHM-MVR32 Datasheet
134Kb / 9P
Chip trimmer potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com