Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4011 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4011
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4011 Datasheet HTML 9Page - Microchip Technology MCP4011 Datasheet HTML 10Page - Microchip Technology MCP4011 Datasheet HTML 11Page - Microchip Technology MCP4011 Datasheet HTML 12Page - Microchip Technology MCP4011 Datasheet HTML 13Page - Microchip Technology MCP4011 Datasheet HTML 14Page - Microchip Technology MCP4011 Datasheet HTML 15Page - Microchip Technology MCP4011 Datasheet HTML 16Page - Microchip Technology MCP4011 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 13
MCP4011/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-11:
2.1 k
Ω – Nominal
Resistance (
Ω) vs. Ambient Temperature and
VDD.
FIGURE 2-12:
2.1 k
Ω – RWB (Ω) vs. Wiper
Setting and Ambient Temperature.
2000
2020
2040
2060
2080
-40
0
40
80
120
Ambient Temperature (°C)
VDD = 2.7V
VDD = 5.5V
0
500
1000
1500
2000
2500
0
8
16
24
32
40
48
56
64
Wiper Setting (decimal)
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com