Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4104B Datasheet(PDF) 17 Page - Hollingsworth

Part # R4104B
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4104B Datasheet(HTML) 17 Page - Hollingsworth

Back Button R4104B Datasheet HTML 13Page - Hollingsworth R4104B Datasheet HTML 14Page - Hollingsworth R4104B Datasheet HTML 15Page - Hollingsworth R4104B Datasheet HTML 16Page - Hollingsworth R4104B Datasheet HTML 17Page - Hollingsworth R4104B Datasheet HTML 18Page - Hollingsworth R4104B Datasheet HTML 19Page - Hollingsworth R4104B Datasheet HTML 20Page - Hollingsworth R4104B Datasheet HTML 21Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
16/14 Male Slip-Ons
650°F
CMA Range 2050-5180
Barrel Inside Diameter .085/ 2.16 mm
Material: NICKEL PLATED BRASS
Thickness: .032" / .813 mm
Basic Dimensions
Non-Insulated
NEMA
C
C
NIT
E
E
L
L
TAB
In.
mm
Brazed
In.
mm
In.
mm
.032 x .187 .125
7.11
SO9017S
.250
6.35
0.62
15.75
.032 x .205 .125
7.11
SO9018S
.250
6.35
0.62
15.75
.032 x .250 .150
7.11
SO9019S
.312
7.92
0.67
17.02
Hand Tool
H4A
zy
18/14 Male Slip-Ons
900°F
Also available in 1200°F Nickel
CMA Range 1600-5180
Barrel Inside Diameter .085/ 2.16 mm
Material: NICKEL PLATED STEEL ALLOY
Thickness: .032" / .813 mm
Basic Dimensions
Non-Insulated
NEMA
C
C
E
E
L
L
TAB
In.
mm
NIT
In.
mm
In.
mm
.032x.187
.125
3.18
SO9012S
.250
6.35
.62
15.75
.020x.205
.134
3.18
SO9015S
.250
6.35
.62
15.75
.032x.250
134
3.40
SO9016S †
312
7.92
.67
17.02
Hand Tool
H16HT
y
22/10 Butt connectors 650°F - 900°F
Material: NICKEL PLATED COPPER
Material: NICKEL PLATED STEEL ALLOY
Basic Dimensions
Non-Insulated
650
°F
900
°F
Wire
NIT
NIT
I.D.
I..D.
O.D. O.D.
L
L
Size
CMA Range Brazed
In.
mm
In.
mm
In.
mm
22-16
509-3260
B1843B
B1842
.061
1.55
.136
3.45 .58
14.73
16-14
2050-5180 B1846B
B1845
.065
2.16
.159
4.04 .58
14.73
12-10
5180-13,100 B1853B
B1852
.131
3.33
.221
5.61 .74
18.80
Hand Tool
H4A
H16HT
y
Female Slip-Ons 900°F
18/14
12/10
CMA Range 1600-5180
Barrel Inside Diameter .081/ 2.06 mm
CMA Range 5100-13,100
Barrel Inside Diameter .130/ 3.30 mm
Material: NICKEL PLATED STEEL ALLOY
Thickness: .018" / .457 mm
Basic Dimensions
Non-Insulated
NEMA
W
W
T
T
E
E
L
L
HAND
TAB
In.
mm
In.
mm
NIT
In.
mm
In.
mm
TOOL
.020x.187
.233
5.92
.026
.660
SO9750S
.250
6.35
.59
14.99
H12
.032x.187
.233
5.92
.026
.660
SO9751S
.250
6.35
.59
14.99
H12
.020x.205
.250
6.35
.026
.660
SO9752S
.250
6.35
.59
14.99
H12
.032x.205
.250
6.35
.026
.660
SO9753S
.250
6.35
.59
14.99
H12
.032x.250
.296
7.52
.065
1.65
SO9754S
.300
7.62
.64
16.26
H12
.032x.250
.300
7.62
.065
1.65
SO9214
*
.300
7.62
.72
18.29
* 12/10 AWG
y
67
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com