Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4104B Datasheet(PDF) 4 Page - Hollingsworth

Part # R4104B
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4104B Datasheet(HTML) 4 Page - Hollingsworth

  R4104B Datasheet HTML 1Page - Hollingsworth R4104B Datasheet HTML 2Page - Hollingsworth R4104B Datasheet HTML 3Page - Hollingsworth R4104B Datasheet HTML 4Page - Hollingsworth R4104B Datasheet HTML 5Page - Hollingsworth R4104B Datasheet HTML 6Page - Hollingsworth R4104B Datasheet HTML 7Page - Hollingsworth R4104B Datasheet HTML 8Page - Hollingsworth R4104B Datasheet HTML 9Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
16/14 Spades
CMA Range 2050-5180
Barrel Inside Diameter .085"/ 2.16 mm
Material: COPPER Thickness: .032"/.813 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198"/5.03 mm
Insul. Dia. .178"/4.52 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
6
.38
9.65 .28 7.11 S4127
S4127B
.55 13.97
.74
18.80 S4165F
.80
20.32 1.01 25.65
6
.38
9.65 .28 7.11 S4127S
S4127SB
.45 11.43
.64
16.26 S4165SF
.72
18.29 .93 23.62 XS2058SN
.71 18.03 .93 23.62
8
.38
9.65 .28 7.11 S4128
S4128B
.55 13.97
.74
18.80 S4166F
.80
20.32 1.01 25.65
8
.38
9.65 .28 7.11 S4128S
S4128SB
.45 11.43
.64
16.26 S4166SF
.72
18.29 .93 23.62 XS2059SN
.71 18.03 .93 23.62
10
.38
9.65 .28 7.11 S4129
S4129B
.55 13.97
.74
18.80 S4167F
.80
20.32 1.01 25.65
10
.38
9.65 .28 7.11 S4129S
S4129SB
.45 11.43
.64
16.26 S4167SF
.72
18.29 .93 23.62 XS2060SN
.71 18.03 .93 23.62
Hand Tool
H4A
H4A
H7B & H53*
H7B & H53
zy
zy
zy
zy
* H53 for short barrel, H53L for long barrel
16/14 Block Spades
CMA Range 2050-5180
Barrel Inside Diameter .085"/ 2.16 mm
Material: COPPER Thickness: .030"/.762 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198" / 5.03 mm
Insul. Dia. .178"/4.52 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
4
.22
5.59
.38 9.65 BS41270
BS41270B
.64 16.26
.76 19.30 BS41650F
.90 22.86 1.04 26.42
4
.22
5.59
.38 9.65 BS41270S BS41270SB
.55 13.97
.67 17.02 BS41650SF
.82 20.83 .96 24.38 XBS20579SN
.81 20.57 0.95 24.13
6
.30
7.62
.19 4.83 BS41272
BS41272B
.46 11.68
.58 14.73 BS41652F
.71 18.03 .85 21.59
6
.30
7.62
.19 4.83 BS41272S BS41272SB
.36
9.14
.48 12.19 BS41652SF
.63 16.00 .77 19.56 XBS20582SN
.62 15.75 0.76 19.30
6
.25
6.35
.38 9.65 BS41273
BS41273B
.64 16.26
.83 21.08 BS41653F
.90 22.86 1.10 27.94
6
.25
6.35
.38 9.65 BS41273S BS41273SB
.55 13.97
.73 18.54 BS41653SF
.82 20.83 1.02 25.91 XBS20583SN
.81 20.57 1.01 25.65
8
.30
7.62
.19 4.83 BS41282
BS41282B
.46 11.68
.58 14.73 BS41662F
.71 18.03 .85 21.59
8
.30
7.62
.19 4.83 BS41282S BS41282SB
.36
9.14
.48 12.19 BS41662SF
.63 16.00 .77 19.56 XBS20592SN
.62 15.75 0.76 19.30
10
.31
7.87
.38 9.65 BS41278
BS41278B
.64 16.26
.90 22.86 BS41658F
.90 22.86 1.17 29.72
10
.31
7.87
.38 9.65 BS41278S BS41278SB
.55 13.97
.80 20.32 BS41658SF
.82 20.83 1.09 27.69 XBS20588SN† .81 20.57 1.08 27.43
10
.30
7.62
.19 4.83 BS41292
BS41292B
.46 11.68
.58 14.73 BS41672F
.71 18.03 .85 21.59
10
.30
7.62
.19 4.83 BS41292S BS41292SB
.36
9.14
.48 12.19 BS41672SF
.63 16.00 .77 19.56 XBS20602SN
.62 15.75 0.76 19.30
Hand Tool
H4A
H4A
H7B & H53*
H7B & H53
zy
zy
zy
zy
* H53 for short barrel, H53L for long barrel
16/14 Spring Spades
CMA Range 2050-5180
Barrel Inside Diameter .085"/ 2.16 mm
Material: COPPER ALLOY Thickness: .030"/.762 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198" / 5.03 mm
Insul. Dia. .178"/4.52 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm
FIIG
In.
mm
In.
mm
6
.28 7.11 .26 6.60 SS20889S SS20889SB .43 10.92
.67
17.02 SS20947SF
.70 17.78
.96 24.38 XSS20954SN
.69 17.53 .95 24.13
8
.28 7.11 .26 6.60 SS20890S SS20890SB .43 10.92
.67
17.02 SS20948SF
.70 17.78
.96 24.38 XSS20955SN
.69 17.53 .95 24.13
10
.33 8.38 .26 6.60 SS20891S SS20891SB .43 10.92
.67
17.02 SS20949SF
.70 17.78
.96 24.38 XSS20956SN
.69 17.53 .95 24.13
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
16/14 Mini Spring Spades
CMA Range 2050-5180
Barrel Inside Diameter .085"/ 2.16 mm
Material: COPPER ALLOY Thickness: .030"/.762 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198" / 5.03 mm
Insul. Dia. .178"/4.52 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm In.
mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
5
.25
6.35
.26 6.60 SS22470 SS22470B
.43 10.92
.56
14.22 SS22530F
.70
17.78
.85 21.59 XSS22540N
.69 17.53 .84 21.34
6
.25
6.35
.26 6.60 SS22471 SS22471B
.43 10.92
.56
14.22 SS22531F
.70
17.78
.85 21.59 XSS22541N
.69 17.53 .84 21.34
8
.28
7.11
.26 6.60 SS22472 SS22472B
.43 10.92
.56
14.22 SS22532F
.70
17.78
.85 21.59 XSS22542N
.69 17.53 .84 21.34
10
.33
8.38
.26 6.60 SS22473 SS22473B
.43 10.92
.60
15.24 SS22533F
.70
17.78
.89 22.61 XSS22543N
.69 17.53 .88 22.35
Hand Tool
H4A
H4A
H7B & H53
H7B & H53
zy
zy
zy
zy
54
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com