Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP183 Datasheet(PDF) 3 Page - Power-One

Part # LP183
Description  Filter & Ring Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LP183 Datasheet(HTML) 3 Page - Power-One

  LP183 Datasheet HTML 1Page - Power-One LP183 Datasheet HTML 2Page - Power-One LP183 Datasheet HTML 3Page - Power-One LP183 Datasheet HTML 4Page - Power-One LP183 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Accessories
Filter & Ring Core Chokes FP, L and LP Series
REV. SEP 29, 2003
Page 3 of 5
Typical Application
The example in figure
Reduction of voltage interference by
FP filters shows a switching regulator operating from a bat-
tery (
Ri
< 0.5 Ω) with long supply lines (e.g. 2 m).The result-
ing superimposed interference voltage
USL may be meas-
ured at the regulators input. The connection of a filter in
front of the power supply will reduce this interference ac-
cordingly:
1. The regulator's source impedance is mainly inductive
because of the low battery impedance and the long sup-
ply lines. It can be calculated as follows:
l
ZLine l
≅ 2 π • fS • LLine • 2 l
l
ZLine l
≅ 2 π • (150 • 103) • 10-6 • 2 • 2 ≅ 3.8 Ω
fS:
Switching frequency (150 kHz)
LLine : Supply line inductance (typically 1µH/m)
l :
Length of single supply line (twice for posi-
tive and negative path)
Fig. 3
Reduction of voltage interference by FP filters
Vi+
Gi–
Vo+
Go–
PSR
RL
Uo
U
Filter
Uio
Uii
Gi
Us
2 • l
ZLine
12011
2. This example shows, that with an inductive source im-
pedance of 3.8
Ω, the insertion of the filter results in an
interference voltage reduction of approx. 18 dB (see
fig.:
Interference voltage reduction with FP filters at f =
150 kHz).
3. The original superimposed interference voltage will be
reduced by a factor of approx. 8:
USF = USL • 10–18/20 [V]
Electrical Data Ring Core Chokes
General Condition:
TA = 25°C unless otherwise specified
Table 3: Ring core chokes
Characteristics
Conditions
L20-7/LP 20-7
LP34-3
LP183
min
typ
max
min
typ
max
min
typ
max
Unit
ILn
Rated current 1
L = 0.75 Lo
7
3
8
A DC
RL
Ohmic resistance
5
5.5
6
18
20
22
2
×2.9 2×4.2 2×5.5
mý
Lo
No load inductance
IL = 0, TC min...TC max
18
20
22
30
34
38
2
×95 2×183 2×245
µH
DTI
Current specific case
0.082
0.68
0.19
K/A2
temp. increase 1
TA
Amb. temperature 1
IL = ILn
–40
106
–40
104
–40
98
°C
TC
Case temperature
–40
110
–40
110
–40
110
TS
Storage temperature
–40
110
–40
110
–40
110
1 If the choke is not operating at the rated current ILn, the maximum ambient temperature TA max and the maximum direct current IL max
change according to the following equations:
IL max =
TC max –TA max
TA max = TC max – IL2 max • DTI
DTI
Low-Loss Ring Core Chokes L/LP-Series
The ring core chokes, in combination with a capacitor, may
easily be used for application specific LC filters at the input
or output of switched mode power supplies. All chokes are
suitable for PCB mounting. They are either moulded into
plastic cases or isolated from the PCB by means of an iso-
lation pad.
Series L/LP20-7 and LP34-3 are intended for use as differ-
ential mode filters and the current compensated choke
LP183 enables attenuation of common mode interference.
80
60
40
0
20
02
6
412
8
10
14
100
7
3
75
LP34-3
LP183
L/LP20-7
12012
L /Lo [%]
IL [A]
Fig. 4
Choke inductance versus current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com