Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP183 Datasheet(PDF) 1 Page - Power-One

Part # LP183
Description  Filter & Ring Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LP183 Datasheet(HTML) 1 Page - Power-One

  LP183 Datasheet HTML 1Page - Power-One LP183 Datasheet HTML 2Page - Power-One LP183 Datasheet HTML 3Page - Power-One LP183 Datasheet HTML 4Page - Power-One LP183 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Accessories
Filter & Ring Core Chokes FP, L and LP Series
REV. SEP 29, 2003
Page 1 of 5
Description
These Filters and chokes are designed to reduce input in-
terference and/or output ripple voltages occurring in appli-
cations with switched mode power supplies. Since all our
filters contain a Moly Permalloy Powder (MPP) ring core
they feature very low DC losses as well as high DC mag-
netisation and operate perfectly at the input and/or output
of switching regulators ensuring effective filtering even at
elevated DC current levels. These special characteristics
allow the chokes to be operated at DC currents which con-
siderably exceed the rated current, by accepting a corre-
sponding gradual loss of inductance (unlike ferrite core
chokes where inductance rapidly decreases above a cer-
tain DC magnetising level).
In applications where switching regulators have long supply
lines, filters and chokes are used in order to prevent oscilla-
tions caused by their negative input impedance. For further
information refer also to switching regulator data for "Option
L", and to section:
Technical Information: Installation & Ap-
plication.
Table 1a: Type survey of FP filter blocks
Filter type
Matching switching
Part No.
regulator type
FP38
PSR 54
PSA 55
PSA 5A2
PSA 5A5
PSA 123
PSA 153
FP80
PSR 53
PSR 122.5
PSR 152.5
PSR 242
PSR 362
PSA 242.5
FP144
PSA 121.5
PSA 151.5
PSA 241.5
PSA 361
PSA 481
Table 1b: Type survey ring core chokes
Type
Inductivity
ILn
Single
Symm.
Part No.
coil
coil
LP34-3
34
µH3 A
•
L20-7
20
µH7 A
•
LP20-7
20
µH7 A
•
LP183
2
∞ 183 µH8 A
•
Filter Blocks FP Types
The filter blocks contain, in addition to a MPP ring core, a
capacitor and an attenuation resistor, capable of handling
the high ripple currents seen at the input of switching regu-
lators. This forms a complete external filter system opti-
mised to prevent oscillations and to reduce superimposed
interference voltages and currents, specially designed for
use in PCB applications together with switching regulators
in an A01 case size. For selection of filters refer to the type
survey.
Table of Contents
Page
Description ....................................................................... 1
Filter Blocks FP Types ..................................................... 1
Page
Low-Loss Ring Core Chokes L/LP-Series ....................... 3
Mechanical Dimensions ................................................... 5


Similar Part No. - LP183

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP18 ALTECH-LP18 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Pulse A Technitrol Comp...
LP18-135B105 PULSE-LP18-135B105 Datasheet
152Kb / 1P
Laminated Transformers
LP18-135B105 PULSE-LP18-135B105 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
LP18-325B106 PULSE-LP18-325B106 Datasheet
152Kb / 1P
Laminated Transformers
LP18-325B106 PULSE-LP18-325B106 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
More results

Similar Description - LP183

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82615 EPCOS-B82615 Datasheet
236Kb / 6P
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
Power line chokes Ring core chokes with iron powder core
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
Current-compensated ring core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
Current-compensated ring core double chokes
B82747F4103N001 TDK-B82747F4103N001 Datasheet
780Kb / 6P
Current-compensated ring core triple chokes
B82767S4123N030 TDK-B82767S4123N030 Datasheet
598Kb / 7P
Current-compensated ring core quad chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com