Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-C/SO Datasheet(PDF) 33 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 33 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 29Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 30Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 31Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 32Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 33Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 34Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 35Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 36Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 31
ENC28J60
5.0
ETHERNET OVERVIEW
Before discussing the use of the ENC28J60 as an
Ethernet interface, it may be helpful to review the
structure of a typical data frame. Users requiring more
information should refer to IEEE Standard 802.3 which
is the basis for the Ethernet protocol.
5.1
Packet Format
Normal IEEE 802.3 compliant Ethernet frames are
between 64 and 1518 bytes long. They are made up of
five or six different fields: a destination MAC address, a
source MAC address, a type/length field, data payload,
an optional padding field and a Cyclic Redundancy
Check (CRC). Additionally, when transmitted on the
Ethernet medium, a 7-byte preamble field and start-of-
frame delimiter byte are appended to the beginning of
the Ethernet packet. Thus, traffic seen on the twisted
pair cabling will appear as shown in Figure 5-1.
5.1.1
PREAMBLE/START-OF-FRAME
DELIMITER
When transmitting and receiving data with the
ENC28J60, the preamble and start of frame delimiter
bytes will automatically be generated or stripped from
the packets when they are transmitted or received. The
host controller does not need to concern itself with
them. Normally, the host controller will also not need to
concern itself with padding and the CRC which the
ENC28J60 will also be able to automatically generate
when transmitting and verify when receiving. The
padding and CRC fields will, however, be written into
the receive buffer when packets arrive, so they may be
evaluated by the host controller if needed.
FIGURE 5-1:
ETHERNET PACKET FORMAT
SA
Padding
FCS(1)
Number
Field
Comments
6
46-1500
4
DA
Destination Address,
such as Multicast, Broadcast or Unicast
Source Address
Packet Payload
Frame Check Sequence – CRC
Type/Length
Data
of Bytes
6
2
Type of Packet or the Length of the Packet
(with optional padding)
7
Preamble
Filtered out by the Module
SFD
1
Start-of-Frame Delimiter
(filtered out by the module)
Used in the
Calculation
of the FCS
Note 1:
The FCS is transmitted starting with bit 31 and ending with bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com