Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-C/SO Datasheet(PDF) 82 Page - Microchip Technology

Part # ENC28J60T-C/SO
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO Datasheet(HTML) 82 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 78Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 79Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 80Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 81Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 82Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 83Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 84Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 85Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
ENC28J60
DS39662B-page 80
Preliminary
© 2006 Microchip Technology Inc.
16.1
DC Characteristics: ENC28J60 (Industrial and Commercial)
DC CHARACTERISTICS
Standard Operating Conditions
-40°C
≤ TA ≤ +85°C, 3.10V ≤ VDD ≤ 3.60V (Industrial)
0°C
≤ TA ≤ +70°C, 3.10V ≤ VDD ≤ 3.60V (Commercial)
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
D001
VDD
Supply Voltage
3.10
3.30
3.60
V
D002
VPOR
VDD Power-on Reset
Voltage
—
—
0.7
V
See section on Power-on
Reset for details
D003
SVDD
VDD Rise Rate to ensure
internal Power-on Reset
signal
0.05
—
—
V/ms
See section on Power-on
Reset for details
VIH
Input High Voltage
D004
SCK, CS, SI, RESET
2.25
—
5.5
V
D005
OSC1
0.7 VDD
—VDD
V
VIL
Input Low Voltage
D006
SCK, CS, SI, RESET
VSS
—
1.0
V
D007
OSC1
VSS
—
0.3 VDD
V
VOH
Output High Voltage
LEDA, LEDB
CLKOUT
INT, SO
VDD – 0.7
VDD – 0.7
VDD – 0.7
—
—
—
—
—
—
V
V
V
IOH = -12.0 mA (Note 1)
IOH = -8.0 mA (Note 1)
IOH = -4.0 mA (Note 1)
VOL
Output Low Voltage
LEDA, LEDB
CLKOUT
INT, SO
—
—
—
—
—
—
0.4
0.4
0.4
V
V
V
IOL = 12.0 mA
IOL = 8.0 mA
IOL = 4.0 mA
RPU
Weak Pull-up Resistance
74K
—
173K
Ω
IIL
Input Leakage Current
All input pins except OSC1
—
—
±1
μACS = RESET = VDD,
VSS
≤ VPIN ≤ VDD, pins in
high-impedance state
(Note 1)
OSC1 pin
—
—
±200
μAOSC1 = VDD (Note 1)
IDD
Operating Current
Transmitting Ethernet
packets
—160
180
mA
VDD = 3.30V, FSCK = 10 MHz,
SO = Open, LEDA and LEDB
open, ECON2<PWRSV> = 0
Active, not transmitting
Ethernet packets
—120
—
mA
VDD = 3.30V,
LEDA and LEDB open,
ECON2<PWRSV> = 0
IDDS
Standby Current
(Sleep mode)
—
1.2
2.0
mA
CS = VDD, Inputs tied to VDD
or VSS, VDD = 3.3V, TA =
25°C, ECON2<PWRSV> = 1
Note 1:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com