Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM03 Datasheet(PDF) 2 Page - KEL Corporation

Part # DM03
Description  SO-DIMM CONNECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEL [KEL Corporation]
Direct Link  https://www.kel.jp/en/
Logo KEL - KEL Corporation

DM03 Datasheet(HTML) 2 Page - KEL Corporation

  DM03 Datasheet HTML 1Page - KEL Corporation DM03 Datasheet HTML 2Page - KEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm(inch)
DM
0□-144B□-F
Printed Circuit Board Layout (Compornent Side View)
Product Table
Packaging style
Tray
No. of contacts
Part Number
Number of packaging
144
DM03-144B□-F
20
144
DM04-144B□-F
20
X-X
' Cross Section
φ0.85
(φ0.033)
φ1.45(φ0.057)
31.5(1.240)
69.6(2.740)
4.8(0.189)
32.8(1.291)
23.2(0.913)
4.6(0.181)
2.5(0.098)
A
2.1(0.083)
4.6(0.181)
23.2(0.913)
70.6(2.780)
Ref.1.5
(0.059)
32.8(1.291)
Lot No.
DM03
DM03
DM04
4(0.157)
0.7(0.028)
5.2(0.205)
0.7(0.028)
X
X´
63(2.480)
1.7(0.067)
0.5(0.020)
3.3V
VOLTAGE KEY CENTER LINE
3.3V
VOLTAGE KEY CENTER LINE
DM04
X
X´
63(2.480)
0.5(0.020)
1.7(0.067)
3.3V
VOLTAGE KEY
CENTER LINE
DM0□-144B1-F
DM0□-144B2-F
0.25
(0.010)
0.75(0.030)
0.8(0.031)
DM03
DM04
0.75
(0.030)
0.75
(0.030)
4.5
(0.177)
4.5
(0.177)
0.75
(0.030)
0.75
(0.030)
4.5
(0.177)
4.5
(0.177)
63±0.05(2.480±0.002)
28.8±0.05(1.134±0.002)
23.2±0.03
(0.913±0.001)
0.5±0.03(0.020±0.001)
32.8±0.03
(1.291±0.001)
32.8±0.03(1.291±0.001)
0.8±0.03
(0.031±0.001)
23.2±0.03
(0.913±0.001)
1.4±0.05
(0.055±0.002)
4.5±0.1
(0.177±0.004)
1±0.05
(0.039±0.002)
4.6±0.03(0.181±0.001)
61.6±0.05(2.425±0.002)
31.5(1.240)
2.5(0.098)
2.1(0.083)
4.8(0.189)
4.6±0.03
(1.811±0.001)
1.2(0.047)
1.2(0.047)
φ1.1±0.05
(φ0.043±0.002)
φ1.6±0.05
(φ0.063±0.002)
"A"detail



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com