Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM03 Datasheet(PDF) 1 Page - KEL Corporation

Part # DM03
Description  SO-DIMM CONNECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEL [KEL Corporation]
Direct Link  https://www.kel.jp/en/
Logo KEL - KEL Corporation

DM03 Datasheet(HTML) 1 Page - KEL Corporation

  DM03 Datasheet HTML 1Page - KEL Corporation DM03 Datasheet HTML 2Page - KEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
▶
Conforms to JEDEC standards.
▶
Easy insertion and withdrawal of Memory Module Board.
▶
Metal latches are highly reliable.
▶
TSOP DRAM or other components can be mounted be-
neath DM03/04 series.
DM03/04 SERIES
SO-DIMM CONNECTOR
DM0 -144 B -F
FEATURES
ORDER CODE
*Please order in multiples of the quantity per package.
①【Type】DM03:4.0mm(0.157") for mounted height DM04:5.2mm(0.205") for mounted height
②【Number of contacts】144:144pin
③【Contact plating】B:Gold plating
④【Key type】1:For 5.0V 2:For 3.3V
⑤【RoHS】F:RoHS compliant
②
④ ⑤
③
①
Material and plating
Insulator material
Glass-filled LCP(UL94V-0)
Contact material
Copper alloy
Contact plating
Gold over Nickel
Retention clip material
Copper alloy
Retention clip plating
Tin copper over Nickel
Electrical Characteristics
Current rating
0.5A per contact
Contact resistance
50mΩ max.
Dielectric withstanding voltage 250V AC for 1 minute
Insulation resistance
500MΩ min. at 250V DC
Operating temperature
-55℃ to +85°C
SPECIFICATIONS
Recommended Memory Module Board Layout
Finish for recommended contact pad
Gold plating(0.76μm min.) over Nickel Plating(2μm min.)
for 5.0V Type
for 3.3V Type
COMPONENT AREA
FRONT
COMPONENT AREA
BACK
2.5±0.05
(0.098±0.002)
2.1±0.05(0.083±0.002)
32.8±0.05(1.291±0.002)
34.9±0.05(1.374±0.002)
38.6±0.05(1.520±0.002)
32.8±0.05
(1.291±0.002)
2.5±0.05(0.098±0.002)
2.1±0.05(0.083±0.002)
2±0.05(0.079±0.002)
23.2±0.05
(0.913±0.002)
25.3±0.05(0.996±0.002)
35.3±0.05(1.390±0.002)
67.6(2.661)
63.6(2.504)
33.8(1.331)
FULL R
67.6(2.661)
2(0.079)min
4.8(0.189)
23.2±0.05(0.913±0.002)
25.7±0.05(1.012±0.002)
29±0.05
(1.142±0.002)
B
C
A
0.8±0.03
(0.031±0.001)
1±0.1
(0.039±0.004)
0.6±0.05(0.024±0.002)
1.5±0.1
(0.059±0.004)
TYPE B VOLTAGE KEY
CENTER LINE
0.75(0.030)
TYPE B VOLTAGE KEY CENTER LINE
1.5±0.1
(0.059±0.004)
0.15
OPTIONAL HOLE
2-φ2(φ0.079)
3.8(0.150)max.
3(0.118)
PATTERN
PROHIBITION AREA
Unit:mm(inch)
"A"detail
"B"detail
"C"detail


Similar Part No. - DM03

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DM03D DELTA-DM03D Datasheet
216Kb / 4P
3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03D0305A DELTA-DM03D0305A Datasheet
216Kb / 4P
3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03D0512A DELTA-DM03D0512A Datasheet
216Kb / 4P
3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03D0512A DELTA-DM03D0512A Datasheet
218Kb / 5P
3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03D0515A DELTA-DM03D0515A Datasheet
216Kb / 4P
3W DC/DC CONVERTER, DIP-Package , High Isolation
More results

Similar Description - DM03

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SOD-200-S-3-52-R-2 ADAM-TECH-SOD-200-S-3-52-R-2 Datasheet
76Kb / 1P
SO DIMM SOCKET
SOD-200-S-3-80-2 ADAM-TECH-SOD-200-S-3-80-2 Datasheet
84Kb / 1P
SO DIMM SOCKET
SOD-200-S-3-80-R-1 ADAM-TECH-SOD-200-S-3-80-R-1 Datasheet
145Kb / 1P
SO DIMM SOCKET
SOD-200-S-5-40-R-1 ADAM-TECH-SOD-200-S-5-40-R-1 Datasheet
136Kb / 1P
SO DIMM SOCKET
SOD-200-S-5-52-R-G-1 ADAM-TECH-SOD-200-S-5-52-R-G-1 Datasheet
137Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-40-R-1 ADAM-TECH-SOD-204-S-4-40-R-1 Datasheet
109Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-52-2 ADAM-TECH-SOD-204-S-4-52-2 Datasheet
75Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-52-R-1 ADAM-TECH-SOD-204-S-4-52-R-1 Datasheet
117Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-52-R-2 ADAM-TECH-SOD-204-S-4-52-R-2 Datasheet
76Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-80-R-1 ADAM-TECH-SOD-204-S-4-80-R-1 Datasheet
140Kb / 1P
SO DIMM SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com