Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 181Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 182Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 183Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 184Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 185Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 186Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 187Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 188Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 183
PIC18F45J10 FAMILY
15.4.17.2
Bus Collision During a Repeated
Start Condition
During a Repeated Start condition, a bus collision
occurs if:
a)
A low level is sampled on SDAx when SCLx
goes from low level to high level.
b)
SCLx goes low before SDAx is asserted low,
indicating that another master is attempting to
transmit a data ‘1’.
When the user deasserts SDAx and the pin is allowed
to float high, the BRG is loaded with SSPxADD<6:0>
and counts down to ‘0’. The SCLx pin is then
deasserted and when sampled high, the SDAx pin is
sampled.
If SDAx is low, a bus collision has occurred (i.e., another
master is attempting to transmit a data ‘0’, see
Figure 15-29). If SDAx is sampled high, the BRG is
reloaded and begins counting. If SDAx goes from
high-to-low before the BRG times out, no bus collision
occurs because no two masters can assert SDAx at
exactly the same time.
If SCLx goes from high-to-low before the BRG times
out and SDAx has not already been asserted, a bus
collision occurs. In this case, another master is
attempting to transmit a data ‘1’ during the Repeated
Start condition (see Figure 15-30).
If, at the end of the BRG time-out, both SCLx and SDAx
are still high, the SDAx pin is driven low and the BRG
is reloaded and begins counting. At the end of the
count, regardless of the status of the SCLx pin, the
SCLx pin is driven low and the Repeated Start
condition is complete.
FIGURE 15-29:
BUS COLLISION DURING A REPEATED START CONDITION (CASE 1)
FIGURE 15-30:
BUS COLLISION DURING REPEATED START CONDITION (CASE 2)
SDAx
SCLx
RSEN
BCLxIF
S
SSPxIF
Sample SDAx when SCLx goes high.
If SDAx = 0, set BCLxIF and release SDAx and SCLx.
Cleared in software
‘0’
‘0’
SDAx
SCLx
BCLxIF
RSEN
S
SSPxIF
Interrupt cleared
in software
SCLx goes low before SDAx,
set BCLxIF. Release SDAx and SCLx.
TBRG
TBRG
‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com