Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/SP Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC18F44J10-E/SP
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/SP Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC18F44J10-E/SP Datasheet HTML 183Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 184Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 185Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 186Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 187Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 188Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 189Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 190Page - Microchip Technology PIC18F44J10-E/SP Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 185
PIC18F45J10 FAMILY
TABLE 15-4:
REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
43
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
45
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
45
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
45
PIR2
OSCFIF
CMIF
—
—
BCL1IF
—
—
CCP2IF
45
PIE2
OSCFIE
CMIE
—
—
BCL1IE
—
—
CCP2IE
45
IPR2
OSCFIP
CMIP
—
—
BCL1IP
—
—
CCP2IP
45
PIR3
SSP2IF
BCL2IF
—
—
—
—
—
—45
PIE3
SSP2IE
BCL2IE
—
—
—
—
—
—45
IPR3
SSP2IP
BCL2IP
—
—
—
—
—
—45
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
46
TRISD(1)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
46
SSP1BUF
MSSP1 Receive Buffer/Transmit Register
44
SSP1ADD
MSSP1 Address Register (I2C™ Slave mode).
MSSP1 Baud Rate Reload Register (I2C Master mode).
44
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
44
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
44
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
44
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
46
SSP2ADD
MSSP2 Address Register (I2C Slave mode).
MSSP2 Baud Rate Reload Register (I2C Master mode).
46
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
46
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
46
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
46
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode.
Note 1:
These registers and/or bits are not implemented on 28-pin devices and should be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com