Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/P Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 40Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 41Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 42Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 43Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 44Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 45Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 46Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 47Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 42
Preliminary
© 2007 Microchip Technology Inc.
4.6
Reset State of Registers
Most registers are unaffected by a Reset. Their status
is unknown on POR and unchanged by all other
Resets. The other registers are forced to a “Reset
state” depending on the type of Reset that occurred.
Most registers are not affected by a WDT wake-up,
since this is viewed as the resumption of normal
operation. Status bits from the RCON register, RI, TO,
PD, POR and BOR, are set or cleared differently in
different Reset situations, as indicated in Table 4-1.
These bits are used in software to determine the nature
of the Reset.
Table 4-2 describes the Reset states for all of the
Special Function Registers. These are categorized by
Power-on and Brown-out Resets, Master Clear and
WDT Resets and WDT wake-ups.
TABLE 4-1:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Condition
Program
Counter(1)
RCON Register
STKPTR Register
RI
TO
PD
POR
BOR(2)
STKFUL
STKUNF
Power-on Reset
0000h
111
00
0
0
RESET
instruction
0000h
0uu
uu
u
u
Brown-out
0000h
111
u0
u
u
MCLR during power-managed
Run modes
0000h
u1u
uu
u
u
MCLR during power-managed
Idle modes and Sleep mode
0000h
u10
uu
u
u
WDT time-out during full power
or power-managed Run modes
0000h
u0u
uu
u
u
MCLR during full power
execution
0000h
uuu
uu
u
u
Stack Full Reset (STVREN = 1)
0000h
uuu
uu
1
u
Stack Underflow Reset
(STVREN = 1)
0000h
uuu
uu
u
1
Stack Underflow Error (not an
actual Reset, STVREN = 0)
0000h
uuu
uu
u
1
WDT time-out during
power-managed Idle or Sleep
modes
PC + 2
u00
uu
u
u
Interrupt exit from
power-managed modes
PC + 2
uu0
uu
u
u
Legend: u = unchanged
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (0008h or 0018h).
2:
BOR is not available in PIC18LF2X1X/4X1X devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com