Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/P Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 57Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 58Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 59Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 60Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 61Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 62Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 63Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 64Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 59
PIC18F45J10 FAMILY
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
45, 192
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
45, 192
RCREG
EUSART Receive Register
0000 0000
45, 199
TXREG
EUSART Transmit Register
xxxx xxxx
45, 197
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
45, 188
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
45, 189
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
45, 68
EECON1
—
—
—
FREE
WRERR
WREN
WR
—
---0 x00-
45, 69
IPR3
SSP2IP
BCL2IP
—
—
—
—
—
—
11-- ----
45, 89
PIR3
SSP2IF
BCL2IF
—
—
—
—
—
—
00-- ----
45, 85
PIE3
SSP2IE
BCL2IE
—
—
—
—
—
—
00-- ----
45, 87
IPR2
OSCFIP
CMIP
—
—BCL1IP
—
—
CCP2IP
11-- 1--1
45, 89
PIR2
OSCFIF
CMIF
—
—BCL1IF
—
—
CCP2IF
00-- 0--0
45, 85
PIE2
OSCFIE
CMIE
—
—BCL1IE
—
—
CCP2IE
00-- 0--0
45, 87
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
1111 1111
45, 88
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
0000 0000
45, 84
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
0000 0000
45, 86
TRISE(2)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
1111 -111
46, 107
TRISD(2)
PORTD Data Direction Control Register
1111 1111
46, 103
TRISC
PORTC Data Direction Control Register
1111 1111
46, 100
TRISB
PORTB Data Direction Control Register
1111 1111
46, 97
TRISA
—
—
TRISA5
—
TRISA3
TRISA2
TRISA1
TRISA0
--1- 1111
46, 94
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
xxxx xxxx
46, 154
LATE(2)
—
—
—
—
—
PORTE Data Latch Register
(Read and Write to Data Latch)
---- -xxx
46, 106
LATD(2)
PORTD Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
46, 103
LATC
PORTC Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
46, 100
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
46, 97
LATA
—
—
PORTA Data Latch Register (Read and Write to Data Latch)
--xx xxxx
46, 94
SSP2ADD
MSSP2 Address Register in I2C™ Slave mode. MSSP2 Baud Rate Reload Register in I2C Master mode.
0000 0000
46, 154
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
46, 146,
156
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
46, 147,
157
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
46, 158
PORTE(2)
—
—
—
—
—RE2(2)
RE1(2)
RE0(2)
---- -xxx
46, 106
PORTD(2)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
46, 103
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
46, 100
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
46, 97
PORTA
—
—RA5
—
RA3
RA2
RA1
RA0
--0- 0000
46, 94
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F24J10/25J10/44J10/45J10) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
See Section 4.4 “Brown-out Reset (BOR) (PIC18F2X1X/4X1X Devices Only)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as
‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com