Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/P Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 153Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 154Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 155Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 156Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 157Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 158Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 159Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 160Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 155
PIC18F45J10 FAMILY
15.4
I2C Mode
The MSSP module in I2C mode fully implements all
master and slave functions (including general call
support) and provides interrupts on Start and Stop bits
in hardware to determine a free bus (multi-master
function). The MSSP module implements the standard
mode specifications as well as 7-bit and 10-bit
addressing.
Two pins are used for data transfer:
• Serial clock (SCLx) – RC3/SCK1/SCL1 or
RD0/PSP0/SCK2/SCL2
• Serial data (SDAx) – RC4/SDI1/SDA1 or
RD1/PSP1/SDI2/SDA2
The user must configure these pins as inputs by setting
the TRISC<4:3> or TRISD<1:0> bits.
FIGURE 15-7:
MSSP BLOCK DIAGRAM
(I2C™ MODE)
15.4.1
REGISTERS
The MSSP module has six registers for I2C operation.
These are:
• MSSP Control Register 1 (SSPxCON1)
• MSSP Control Register 2 (SSPxCON2)
• MSSP Status Register (SSPxSTAT)
• Serial Receive/Transmit Buffer Register
(SSPxBUF)
• MSSP Shift Register (SSPxSR) – Not directly
accessible
• MSSP Address Register (SSPxADD)
SSPxCON1, SSPxCON2 and SSPxSTAT are the
control and status registers in I2C mode operation. The
SSPxCON1 and SSPxCON2 registers are readable and
writable. The lower 6 bits of the SSPxSTAT are
read-only. The upper 2 bits of the SSPxSTAT are
read/write.
SSPxSR is the shift register used for shifting data in or
out. SSPxBUF is the buffer register to which data
bytes are written to or read from.
SSPxADD register holds the slave device address
when the MSSP is configured in I2C Slave mode.
When the MSSP is configured in Master mode, the
lower seven bits of SSPxADD act as the Baud Rate
Generator reload value.
In
receive
operations,
SSPxSR
and
SSPxBUF
together create a double-buffered receiver. When
SSPxSR receives a complete byte, it is transferred to
SSPxBUF and the SSPxIF interrupt is set.
During
transmission,
the
SSPxBUF
is
not
double-buffered. A write to SSPxBUF will write to both
SSPxBUF and SSPxSR.
Read
Write
SSPxSR reg
Match Detect
SSPxADD reg
Start and
Stop bit Detect
SSPxBUF reg
Internal
Data Bus
Addr Match
Set, Reset
S, P bits
(SSPxSTAT reg)
RC3 or
RC4 or
Shift
Clock
MSb
LSb
Note: Only port I/O names are used in this diagram for
the sake of brevity. Refer to the text for a full list
of multiplexed functions.
RD0
RD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com