Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/P Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 163Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 164Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 165Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 166Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 167Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 168Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 169Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 170Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 165
PIC18F45J10 FAMILY
15.4.4
CLOCK STRETCHING
Both
7-bit
and
10-bit
Slave
modes
implement
automatic clock stretching during a transmit sequence.
The SEN bit (SSPxCON2<0>) allows clock stretching
to be enabled during receives. Setting SEN will cause
the SCLx pin to be held low at the end of each data
receive sequence.
15.4.4.1
Clock Stretching for 7-bit Slave
Receive Mode (SEN = 1)
In 7-bit Slave Receive mode, on the falling edge of the
ninth clock at the end of the ACK sequence, if the BF
bit is set, the CKP bit in the SSPxCON1 register is
automatically cleared, forcing the SCLx output to be
held low. The CKP being cleared to ‘0’ will assert the
SCLx line low. The CKP bit must be set in the user’s
ISR before reception is allowed to continue. By holding
the SCLx line low, the user has time to service the ISR
and read the contents of the SSPxBUF before the
master device can initiate another receive sequence.
This will prevent buffer overruns from occurring (see
Figure 15-13).
15.4.4.2
Clock Stretching for 10-bit Slave
Receive Mode (SEN = 1)
In 10-bit Slave Receive mode during the address
sequence, clock stretching automatically takes place
but CKP is not cleared. During this time, if the UA bit is
set after the ninth clock, clock stretching is initiated.
The UA bit is set after receiving the upper byte of the
10-bit address and following the receive of the second
byte of the 10-bit address with the R/W bit cleared to
‘0’. The release of the clock line occurs upon updating
SSPxADD. Clock stretching will occur on each data
receive sequence as described in 7-bit mode.
15.4.4.3
Clock Stretching for 7-bit Slave
Transmit Mode
The 7-bit Slave Transmit mode implements clock
stretching by clearing the CKP bit after the falling edge
of the ninth clock, if the BF bit is clear. This occurs
regardless of the state of the SEN bit.
The user’s ISR must set the CKP bit before transmis-
sion is allowed to continue. By holding the SCLx line
low, the user has time to service the ISR and load the
contents of the SSPxBUF before the master device
can
initiate
another
transmit
sequence
(see
Figure 15-9).
15.4.4.4
Clock Stretching for 10-bit Slave
Transmit Mode
In 10-bit Slave Transmit mode, clock stretching is con-
trolled during the first two address sequences by the
state of the UA bit, just as it is in 10-bit Slave Receive
mode. The first two addresses are followed by a third
address sequence which contains the high-order bits
of the 10-bit address and the R/W bit set to ‘1’. After
the third address sequence is performed, the UA bit is
not set, the module is now configured in Transmit
mode and clock stretching is controlled by the BF flag
as in 7-bit Slave Transmit mode (see Figure 15-11).
Note 1: If the user reads the contents of the
SSPxBUF before the falling edge of the
ninth clock, thus clearing the BF bit, the
CKP bit will not be cleared and clock
stretching will not occur.
2: The CKP bit can be set in software
regardless of the state of the BF bit. The
user should be careful to clear the BF bit
in the ISR before the next receive
sequence in order to prevent an overflow
condition.
Note:
If the user polls the UA bit and clears it by
updating the SSPxADD register before the
falling edge of the ninth clock occurs and if
the user hasn’t cleared the BF bit by read-
ing the SSPxBUF register before that time,
then the CKP bit will still NOT be asserted
low. Clock stretching on the basis of the
state of the BF bit only occurs during a
data sequence, not an address sequence.
Note 1: If
the
user
loads
the
contents
of
SSPxBUF, setting the BF bit before the
falling edge of the ninth clock, the CKP bit
will not be cleared and clock stretching
will not occur.
2: The CKP bit can be set in software
regardless of the state of the BF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com