Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-E/P Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 182Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 183Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 184Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 185Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 186Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 187Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 188Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 189Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 184
Preliminary
© 2007 Microchip Technology Inc.
15.4.17.3
Bus Collision During a Stop
Condition
Bus collision occurs during a Stop condition if:
a)
After the SDAx pin has been deasserted and
allowed to float high, SDAx is sampled low after
the BRG has timed out.
b)
After the SCLx pin is deasserted, SCLx is
sampled low before SDAx goes high.
The Stop condition begins with SDAx asserted low.
When SDAx is sampled low, the SCLx pin is allowed to
float. When the pin is sampled high (clock arbitration),
the
Baud
Rate
Generator
is
loaded
with
SSPxADD<6:0> and counts down to ‘0’. After the BRG
times out, SDAx is sampled. If SDAx is sampled low, a
bus collision has occurred. This is due to another
master attempting to drive a data ‘0’ (Figure 15-31). If
the SCLx pin is sampled low before SDAx is allowed to
float high, a bus collision occurs. This is another case
of another master attempting to drive a data ‘0’
(Figure 15-32).
FIGURE 15-31:
BUS COLLISION DURING A STOP CONDITION (CASE 1)
FIGURE 15-32:
BUS COLLISION DURING A STOP CONDITION (CASE 2)
SDAx
SCLx
BCLxIF
PEN
P
SSPxIF
TBRG
TBRG
TBRG
SDAx asserted low
SDAx sampled
low after TBRG,
set BCLxIF
‘0’
‘0’
SDAx
SCLx
BCLxIF
PEN
P
SSPxIF
TBRG
TBRG
TBRG
Assert SDAx
SCLx goes low before SDAx goes high,
set BCLxIF
‘0’
‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com