Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4685-I/SP Datasheet(PDF) 280 Page - Microchip Technology

Part # PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Datasheet(HTML) 280 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 276Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 277Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 278Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 279Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 280Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 281Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 282Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 283Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 484 page
background image
PIC18F2682/2685/4682/4685
DS39761B-page 278
Preliminary
© 2007 Microchip Technology Inc.
EXAMPLE 23-1:
CHANGING TO CONFIGURATION MODE
EXAMPLE 23-2:
WIN AND ICODE BITS USAGE IN INTERRUPT SERVICE ROUTINE TO ACCESS
TX/RX BUFFERS
; Request Configuration mode.
MOVLW
B’10000000’
; Set to Configuration Mode.
MOVWF
CANCON
; A request to switch to Configuration mode may not be immediately honored.
; Module will wait for CAN bus to be idle before switching to Configuration Mode.
; Request for other modes such as Loopback, Disable etc. may be honored immediately.
; It is always good practice to wait and verify before continuing.
ConfigWait:
MOVF
CANSTAT, W
; Read current mode state.
ANDLW
B’10000000’
; Interested in OPMODE bits only.
TSTFSZ
WREG
; Is it Configuration mode yet?
BRA
ConfigWait
; No. Continue to wait...
; Module is in Configuration mode now.
; Modify configuration registers as required.
; Switch back to Normal mode to be able to communicate.
; Save application required context.
; Poll interrupt flags and determine source of interrupt
; This was found to be CAN interrupt
; TempCANCON and TempCANSTAT are variables defined in Access Bank low
MOVFF
CANCON, TempCANCON
; Save CANCON.WIN bits
; This is required to prevent CANCON
; from corrupting CAN buffer access
; in-progress while this interrupt
; occurred
MOVFF
CANSTAT, TempCANSTAT
; Save CANSTAT register
; This is required to make sure that
; we use same CANSTAT value rather
; than one changed by another CAN
; interrupt.
MOVF
TempCANSTAT, W
; Retrieve ICODE bits
ANDLW
B’00001110’
ADDWF
PCL, F
; Perform computed GOTO
; to corresponding interrupt cause
BRA
NoInterrupt
; 000 = No interrupt
BRA
ErrorInterrupt
; 001 = Error interrupt
BRA
TXB2Interrupt
; 010 = TXB2 interrupt
BRA
TXB1Interrupt
; 011 = TXB1 interrupt
BRA
TXB0Interrupt
; 100 = TXB0 interrupt
BRA
RXB1Interrupt
; 101 = RXB1 interrupt
BRA
RXB0Interrupt
; 110 = RXB0 interrupt
; 111 = Wake-up on interrupt
WakeupInterrupt
BCF
PIR3, WAKIF
; Clear the interrupt flag
;
; User code to handle wake-up procedure
;
;
; Continue checking for other interrupt source or return from here
…
NoInterrupt
…
; PC should never vector here. User may
; place a trap such as infinite loop or pin/port
; indication to catch this error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com