Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4685-I/SP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 48Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 49Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 50Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 51Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 52Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 53Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 54Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 55Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 484 page
background image
PIC18F2682/2685/4682/4685
DS39761B-page 50
Preliminary
© 2007 Microchip Technology Inc.
BSR
2682 2685 4682 4685
---- 0000
---- 0000
---- uuuu
INDF2
2682 2685 4682 4685
N/A
N/A
N/A
POSTINC2
2682 2685 4682 4685
N/A
N/A
N/A
POSTDEC2
2682 2685 4682 4685
N/A
N/A
N/A
PREINC2
2682 2685 4682 4685
N/A
N/A
N/A
PLUSW2
2682 2685 4682 4685
N/A
N/A
N/A
FSR2H
2682 2685 4682 4685
---- 0000
---- 0000
---- uuuu
FSR2L
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
2682 2685 4682 4685
---x xxxx
---u uuuu
---u uuuu
TMR0H
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
TMR0L
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
2682 2685 4682 4685
1111 1111
1111 1111
uuuu uuuu
OSCCON
2682 2685 4682 4685
0100 q000
0100 00q0
uuuu uuqu
HLVDCON
2682 2685 4682 4685
0-00 0101
0-00 0101
0-uu uuuu
WDTCON
2682 2685 4682 4685
---- ---0
---- ---0
---- ---u
RCON(4)
2682 2685 4682 4685
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
2682 2685 4682 4685
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
PR2
2682 2685 4682 4685
1111 1111
1111 1111
1111 1111
T2CON
2682 2685 4682 4685
-000 0000
-000 0000
-uuu uuuu
SSPBUF
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
SSPCON1
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
SSPCON2
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
ADRESH
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2682 2685 4682 4685
--00 0000
--00 0000
--uu uuuu
ADCON1
2682 2685 4682 4685
--00 0qqq
--00 0qqq
--uu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com