Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4685-I/SP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 47Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 48Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 49Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 50Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 51Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 52Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 53Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 54Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 484 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39761B-page 49
PIC18F2682/2685/4682/4685
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2682 2685 4682 4685
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
2682 2685 4682 4685
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2682 2685 4682 4685
---0 0000
---0 0000
---u uuuu
PCLATH
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
PCL
2682 2685 4682 4685
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2682 2685 4682 4685
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
TABLAT
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
PRODH
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2682 2685 4682 4685
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
2682 2685 4682 4685
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
2682 2685 4682 4685
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2682 2685 4682 4685
N/A
N/A
N/A
POSTINC0
2682 2685 4682 4685
N/A
N/A
N/A
POSTDEC0
2682 2685 4682 4685
N/A
N/A
N/A
PREINC0
2682 2685 4682 4685
N/A
N/A
N/A
PLUSW0
2682 2685 4682 4685
N/A
N/A
N/A
FSR0H
2682 2685 4682 4685
---- 0000
---- 0000
---- uuuu
FSR0L
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2682 2685 4682 4685
N/A
N/A
N/A
POSTINC1
2682 2685 4682 4685
N/A
N/A
N/A
POSTDEC1
2682 2685 4682 4685
N/A
N/A
N/A
PREINC1
2682 2685 4682 4685
N/A
N/A
N/A
PLUSW1
2682 2685 4682 4685
N/A
N/A
N/A
FSR1H
2682 2685 4682 4685
---- 0000
---- 0000
---- uuuu
FSR1L
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com