Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4685-I/SP Datasheet(PDF) 339 Page - Microchip Technology

Part # PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Datasheet(HTML) 339 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 335Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 336Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 337Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 338Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 339Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 340Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 341Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 342Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 484 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39761B-page 337
PIC18F2682/2685/4682/4685
23.10 Synchronization
To compensate for phase shifts between the oscillator
frequencies of each of the nodes on the bus, each CAN
controller must be able to synchronize to the relevant
signal edge of the incoming signal. When an edge in
the transmitted data is detected, the logic will compare
the location of the edge to the expected time
(Sync_Seg). The circuit will then adjust the values of
Phase Segment 1 and Phase Segment 2 as necessary.
There are two mechanisms used for synchronization.
23.10.1
HARD SYNCHRONIZATION
Hard synchronization is only done when there is a
recessive to dominant edge during a bus Idle condition,
indicating the start of a message. After hard synchroni-
zation, the bit time counters are restarted with
Sync_Seg. Hard synchronization forces the edge
which has occurred to lie within the synchronization
segment of the restarted bit time. Due to the rules of
synchronization, if a hard synchronization occurs, there
will not be a resynchronization within that bit time.
23.10.2
RESYNCHRONIZATION
As a result of resynchronization, Phase Segment 1
may be lengthened or Phase Segment 2 may be short-
ened. The amount of lengthening or shortening of the
phase buffer segments has an upper bound given by
the Synchronization Jump Width (SJW). The value of
the SJW will be added to Phase Segment 1 (see
Figure 23-6) or subtracted from Phase Segment 2 (see
Figure 23-7). The SJW is programmable between 1 TQ
and 4 TQ.
Clocking
information
will
only
be
derived
from
recessive to dominant transitions. The property, that
only a fixed maximum number of successive bits have
the same value, ensures resynchronization to the bit
stream during a frame.
The phase error of an edge is given by the position of
the edge relative to Sync_Seg, measured in TQ. The
phase error is defined in magnitude of TQ as follows:
• e = 0 if the edge lies within Sync_Seg.
• e > 0 if the edge lies before the sample point.
• e < 0 if the edge lies after the sample point of the
previous bit.
If the magnitude of the phase error is less than, or equal
to, the programmed value of the Synchronization Jump
Width, the effect of a resynchronization is the same as
that of a hard synchronization.
If the magnitude of the phase error is larger than the
Synchronization Jump Width and if the phase error is
positive, then Phase Segment 1 is lengthened by an
amount equal to the Synchronization Jump Width.
If the magnitude of the phase error is larger than the
resynchronization jump width and if the phase error is
negative, then Phase Segment 2 is shortened by an
amount equal to the Synchronization Jump Width.
23.10.3
SYNCHRONIZATION RULES
• Only one synchronization within one bit time is
allowed.
• An edge will be used for synchronization only if
the value detected at the previous sample point
(previously read bus value) differs from the bus
value immediately after the edge.
• All other recessive to dominant edges fulfilling
rules 1 and 2 will be used for resynchronization,
with the exception that a node transmitting a
dominant bit will not perform a resynchronization
as a result of a recessive to dominant edge with a
positive phase error.
FIGURE 23-6:
LENGTHENING A BIT PERIOD (ADDING SJW TO PHASE SEGMENT 1)
Input
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
≤ SJW
Sample Point
TQ
Signal
Nominal Bit Length
Actual Bit Length
Bit
Time
Segments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com