Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4685-I/SP Datasheet(PDF) 434 Page - Microchip Technology

Part # PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Datasheet(HTML) 434 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 430Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 431Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 432Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 433Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 434Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 435Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 436Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 437Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 438Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 484 page
background image
PIC18F2682/2685/4682/4685
DS39761B-page 432
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 27-3:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
TABLE 27-4:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
VLVD
HLVDIF
VDD
(HLVDIF set by hardware)
(HLVDIF can be
cleared in software)
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D420
HLVD Voltage on
VDD Transition
High-to-Low
HLVDL<3:0> = 0000
2.12
2.17
2.22
V
HLVDL<3:0> = 0001
2.18
2.23
2.28
V
HLVDL<3:0> = 0010
2.31
2.36
2.42
V
HLVDL<3:0> = 0011
2.38
2.44
2.49
V
HLVDL<3:0> = 0100
2.54
2.60
2.66
V
HLVDL<3:0> = 0101
2.72
2.79
2.85
V
HLVDL<3:0> = 0110
2.82
2.89
2.95
V
HLVDL<3:0> = 0111
3.05
3.12
3.19
V
HLVDL<3:0> = 1000
3.31
3.39
3.47
V
HLVDL<3:0> = 1001
3.46
3.55
3.63
V
HLVDL<3:0> = 1010
3.63
3.71
3.80
V
HLVDL<3:0> = 1011
3.81
3.90
3.99
V
HLVDL<3:0> = 1100
4.01
4.11
4.20
V
HLVDL<3:0> = 1101
4.23
4.33
4.43
V
HLVDL<3:0> = 1110
4.48
4.59
4.69
V
HLVDL<3:0> = 1111
1.14
1.20
1.26
V
† Production tested at TAMB = 25°C. Specifications over temperature limits ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com