Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 1 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator
for Open-Drain and Push-Pull Applications
1 Features
• Provides bidirectional voltage translation with no
direction pin
• Supports up to 100MHz up translation and greater
than 100MHz down translation at
≤ 30pF capacitive load and up To 40MHz up or
down translation at 50pF capacitive load
• Allows bidirectional voltage-level translation
between
– 0.95V ↔ 1.8/2.5/3.3/5V
– 1.2V ↔ 1.8/2.5/3.3/5V
– 1.8V ↔ 2.5/3.3/5V
– 2.5V ↔ 3.3/5V
– 3.3V ↔ 5V
• Low standby current
• 5V tolerance I/O port to support TTL
• Low RON provides less signal distortion
• High-impedance I/O pins for EN = Low
• Flow-through pinout for easy PCB trace routing
• Latch-up performance >100mA per JESD 17
• –40°C to 125°C operating temperature range
2 Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and other interfaces in telecom infrastructure
• Enterprise systems
• Communications equipment
• Personal electronics
• Industrial applications
3 Description
The LSF family of devices supports bidirectional
voltage translation without the need for DIR pin which
minimizes system effort (for PMBus, I2C, SMBus, and
so forth). The LSF family of devices supports up
to 100MHz up translation and greater than 100MHz
down translation at ≤ 30pF capacitive load and up
to 40MHz up or down translation at 50pF capacitive
load which allows the LSF family to support more
consumer or telecom interfaces (MDIO or SDIO).
LSF family supports 5V tolerance on I/O port which
makes it compatible with TTL levels in industrial and
telecom applications. The LSF family is able to set up
different voltage translation levels which makes it very
flexible.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LSF0102
DQE (X2SON, 8)
1.4mm × 1mm
YZT (DSBGA, 8)
1.98mm × 0.98mm
DCT (SM8, 8)
2.95mm × 4mm
DCU (VSSOP, 8)
2mm × 3.1mm
DDF (SOT-23, 8)
2.9mm × 2.8mm
DTM (X2SON, 8)
1.35mm x 0.80mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
VREFA
2
7
VREFB
SW
EN
8
B1
SW
A1
B2
A2
3
4
6
5
GND
1
Functional Block Diagram
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0102 TI1-LSF0102 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0102 TI1-LSF0102 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0102 TI-LSF0102 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102 TI-LSF0102 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
logo
Nexperia B.V. All right...
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
More results

Similar Description - LSF0102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
LSF0101 TI1-LSF0101_V01 Datasheet
2Mb / 40P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
LSF0108 TI-LSF0108 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0108 TI-LSF0108_V01 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com