Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
7.4.1 Up and Down Translation
7.4.1.1 Up Translation
When the signal is being driven from A to B and the An port is HIGH, the switch will be OFF and the Bn port
will then be driven to a voltage higher than Vref_A by the pull-up resistor that is connected to the pull-up supply
voltage (VPU). This functionality allows seamless translation between higher and lower voltages selected by the
user, without the need for directional control. Pull-up resistors are always required on the high side, and pull-ups
are only required on the low side, if the low side of the device's output is open drain or its input has a leakage
greater than 1µA.
1.8 V
Vref_A
VCCB
EN
200 k
A1
A2
B1
B2
GND
LSF010x
Vref_B
VCCA
1.8 V
Device
3.3 V
RB1
3.3 V
Device
0.1 μF
Figure 7-2. Up Translation Example Schematic with Push-Pull and Open Drain Configuration
Up translation with the LSF requires attention to two important factors: maximum data rate and sink current.
Maximum data rate is directly related to the rising edge of the output signal. Sink current depends on supply
values and the chosen pull-up resistor values. Equation 1 shows the maximum data rate formula and Equation 2
shows the maximum sink current formula, both of which are estimations. A low RC value is needed to reach high
speeds, which also require strong drivers. Please see the Up Translation with the LSF Family video for estimated
data rate and sink current calculations based on circuit components.
1
3×2RB1CB1=  16RB1CB1  bitssecond
(1)
IOL ≅ VCCARA1+ VCCBRB1 A
(2)
7.4.1.2 Down Translation
When the signal is being driven HIGH from the Bn port to An port, the switch will be OFF, clamping the voltage
on the An port to the voltage set by Vref_A. A pull-up resistor can be added on either side of the device. There are
special circumstances that allow the removal of one or both of the pull-up resistors. If the signal is always going
to be down translated from a push-pull transmitter, then the resistor on the B-side can be removed. If the leakage
current into the receiver on the A-side is less than 1µA, then the resistor on the A-side can also be removed.
This arrangement with no external pull-up resistors can be used when down translating from a push-pull output
to a low-leakage input. For an open drain transmitter, the pull-up resistor on the B-side is necessary because
an open drain output can't drive high by itself. For a summary of device operation, refer to Section 7.4. For
additional details on the functional operation of the LSF family of devices, see the Up Translation with the LSF
Family and Down Translation with the LSF Family videos.
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com