Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR440MFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR440MFS
Description  Switch Mode Power Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR440MFS Datasheet(HTML) 1 Page - ON Semiconductor

  MBR440MFS Datasheet HTML 1Page - ON Semiconductor MBR440MFS Datasheet HTML 2Page - ON Semiconductor MBR440MFS Datasheet HTML 3Page - ON Semiconductor MBR440MFS Datasheet HTML 4Page - ON Semiconductor MBR440MFS Datasheet HTML 5Page - ON Semiconductor MBR440MFS Datasheet HTML 6Page - ON Semiconductor MBR440MFS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2013
June, 2024 − Rev. 3
1
Publication Order Number:
MBR440MFS/D
Switch Mode Power
Rectifiers
MBR440MFS, NRVB440MFS
These state−of−the−art devices have the following features:
Features
• Low Power Loss / High Efficiency
• New Package Provides Capability of Inspection and Probe After
Board Mounting
• Guardring for Stress Protection
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• WF Suffix for Products with Wettable Flanks
• These are Pb−Free and Halide−Free Devices
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Applications
• Ideally Suited for use as an Output Rectifier in High Frequency
(up to 2 MHz) Automotive and Non−Automotive Applications
• Output Rectification in Compact Portable Consumer Applications
• Freewheeling Diode used with Inductive Loads
SCHOTTKY BARRIER
RECTIFIERS
4 AMPERES
40 VOLTS
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
B440
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING DIAGRAM
B440
AYWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1. DISCONTINUED: These devices are not
recommended for new design. Please contact
your onsemi representative for information.
The most current information on these devices
may be available on www.onsemi.com.
(FULL−CUT SO8FL WF)
CASE 507BA
DFNW5
Device
Package
Shipping†
ORDERING INFORMATION
MBR440MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
MBR440MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
NRVB440MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVB440MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
NRVB440MFSWFT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVB440MFSWFT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
DISCONTINUED (Note 1)


Similar Part No. - MBR440MFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR440MFS ONSEMI-MBR440MFS Datasheet
109Kb / 5P
SWITCHMODE Power Rectifiers
August, 2013 ??Rev. 1
MBR440MFST1G ONSEMI-MBR440MFST1G Datasheet
109Kb / 5P
SWITCHMODE Power Rectifiers
August, 2013 ??Rev. 1
MBR440MFST3G ONSEMI-MBR440MFST3G Datasheet
109Kb / 5P
SWITCHMODE Power Rectifiers
August, 2013 ??Rev. 1
More results

Similar Description - MBR440MFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
Switch-mode Power Rectifiers
January, 2012 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com