Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR440MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR440MFS
Description  Switch Mode Power Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR440MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR440MFS Datasheet HTML 1Page - ON Semiconductor MBR440MFS Datasheet HTML 2Page - ON Semiconductor MBR440MFS Datasheet HTML 3Page - ON Semiconductor MBR440MFS Datasheet HTML 4Page - ON Semiconductor MBR440MFS Datasheet HTML 5Page - ON Semiconductor MBR440MFS Datasheet HTML 6Page - ON Semiconductor MBR440MFS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR440MFS, NRVB440MFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.9
0.8
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
35
30
25
20
15
10
5
0
1.E+00
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating TO−220AB
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
40
30
20
10
0
10
100
1000
160
140
120
100
80
60
0
1
3
4
5
7
9
10
0.7
0.9
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
0.6
0.7
1.0
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
1.E−01
1.E−02
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
1.E−10
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
35
30
25
20
15
10
5
0
1.E+00
1.E−01
1.E−02
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
40
40
TJ = 25°C
2
6
8
RqJC = 2.4°C/W
Square Wave
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com