Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCW201Z Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # FCW201Z
Description  FLASH LED DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW201Z Datasheet(HTML) 2 Page - Seoul Semiconductor

  FCW201Z Datasheet HTML 1Page - Seoul Semiconductor FCW201Z Datasheet HTML 2Page - Seoul Semiconductor FCW201Z Datasheet HTML 3Page - Seoul Semiconductor FCW201Z Datasheet HTML 4Page - Seoul Semiconductor FCW201Z Datasheet HTML 5Page - Seoul Semiconductor FCW201Z Datasheet HTML 6Page - Seoul Semiconductor FCW201Z Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1. Features
Package : 2.3 × 1.9 × 0.75 mm
Color coordinates: according to CIE 1931
Tape and reel packing
2. Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
960
㎽
Forward Current
IF
300
㎃
Peak Forward Current
IFM
*1
1000
㎃
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ 80
℃
Storage Temperature
Tstg
-40 ~ 100
℃
*1 IFM conditions: Pulse width Tw≤ 300ms, Duty ratio≤ 1/10
3. Electro-Optical Characteristics
(Ta=25℃)
Characteristics
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=300㎃
-
3.2
-
V
Reverse Current
IR
VR=5V
-
-
50
㎂
IF=300㎃
-
20
-
IF=400㎃
(Flash mode) *3
-
25
-
Luminous Intensity *2
IV
IF=1000㎃
(Peak current mode) *4
-
45
-
cd
53
lx@0.7m
Illumination
lx
IF=400㎃
(Flash mode) *3
25
lx@1m
Luminous Flux
lm
IF=300㎃
53
lm
X
IF=300㎃
-
0.31
-
Chromaticity Coordinates
Y
IF=300㎃
-
0.32
-
Viewing Angle
Δ 1/2θ
IF=300㎃
-
120
-
˚
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
*3 Flash mode condition is Pulse width Tw = 2sec, Duty ratio = 2 / 7
*4 Peak current mode is Pulse width Tw≤ 300ms, Duty ratio≤ 1/10
[Note] ( Tolerance : IV±10%, color coordinate ±0.01, VF ±0.1 )
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 2/7 -
FCW201Z
SSC-QP-0401-06(REV.0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com