Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCW201Z Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # FCW201Z
Description  FLASH LED DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW201Z Datasheet(HTML) 4 Page - Seoul Semiconductor

  FCW201Z Datasheet HTML 1Page - Seoul Semiconductor FCW201Z Datasheet HTML 2Page - Seoul Semiconductor FCW201Z Datasheet HTML 3Page - Seoul Semiconductor FCW201Z Datasheet HTML 4Page - Seoul Semiconductor FCW201Z Datasheet HTML 5Page - Seoul Semiconductor FCW201Z Datasheet HTML 6Page - Seoul Semiconductor FCW201Z Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
0.0
400
450
500
550
600
650
700
750
0.0
0.2
0.4
0.6
0.8
1.0
Ta = 25
oC
Wavelength [nm]
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 4/7 -
FCW201Z
SSC-QP-0401-06(REV.0)
Spectrum
Radiation Diagram
(Ta=25℃)
Y
Y



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com