Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS1G02-CC Datasheet(PDF) 21 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS1G02-CC
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS1G02-CC Datasheet(HTML) 21 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011LS1G02-CC Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 22Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 23Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Series MB2000
Large Bushing Miniature Pushbuttons
C92
C
www.nkkswitches.com
Cap Colors
For Shroud
A
Black
B
White
C
Red
F
Green
G
Blue
H
Gray
CUSTOM ASSEMBLY ORDERING EXAMPLE
C
4
MB2011
Poles & Circuits
2011
SPDT
ON
(ON)
2065
SPDT
ON
ON
2061
DPDT
ON
(ON)
2085
DPDT
ON
ON
4-pole available
( ) = Momentary
SB1W01
Mounter Colors
For Shroud
A
Black
B
White
H
Gray
Mounter Shapes
For Shroud
4
Round
5
Rectangular
The MB2000 pushbutton series offers flexibility to accommodate a variety of applications. Using a basic large bushing model,
different accessories can be assembled onto the switch to achieve the mounting variations shown on the following two pages.
A
Cap Colors
For Snap-In
A
Black
B
White
C
Red
F
Green
Round Shroud
MB2011SB1W01-4C-A
See custom assemblies on following pages.
Rectangular Shroud
MB2011SB1W01-5C-A
These switches have: • 12mm diameter threaded bushing with keyway
• Silver contacts
• 6-Amp rating
• Solder lug terminals
Other 12mm bushing options can be used; see details in preceding Large Bushing Ordering tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com