Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS1G02-CC Datasheet(PDF) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS1G02-CC
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS1G02-CC Datasheet(HTML) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011LS1G02-CC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1G02-CC Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Series MB2000
Bracket PC Mount Miniature Pushbuttons
C84
C
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
.150” (3.81mm) Vertical PC
Single Pole
.150” (3.81mm) Vertical PC
Double Pole
MB2011SS2G40-CA
MB2181SS2G40-CA
MB2061SS2G40-CA
.150” (3.81mm) Vertical PC
Four Pole
(0.5)
.020
(2.3)
.091
(0.8) Typ
.031
(3.81) Typ
.150
(3.25)
.128
(16.4)
.646
(8.0)
.315
(11.75)
.463
(6.2) Dia
.244
(10.0) Dia
.394
(2.7)
.106
(1.4) Typ
.055
(5.08)
.200
Keyway
(0.5)
.020
(6.2) Dia
.244
(2.3)
.091
(0.8) Typ
.031
(3.81) Typ
.150
(3.25)
.128
(16.4)
.646
(11.75)
.463
(10.3)
.406
(10.0) Dia
.394
COM
6
3
2
5
4
1
(13.0)
.512
(1.27) Typ
.050
(12.7)
.500
(4.8)
.189
(0.5)
.020
(6.2) Dia
.244
(2.3)
.091
(0.8) Typ
.031
(3.81) Typ
.150
(3.25)
.128
(16.4)
.646
(11.75)
.463
(10.3)
.406
(10.0) Dia
.394
Keyway
(2.7)
.106
(5.08)
.200
(1.4) Typ
.055
COM
3
2
1
(13.0)
.512
(1.27)
.050
(7.9)
.311
(16.4)
.646
(4.8) Typ
.189
(3.81) Typ
.150
(1.8) Dia Typ
.073
1
2
3
6
5
47
8
9
12
11
10
(2.54) Typ
.100
(16.4)
.646
(4.8)
.189
(3.81) Typ
.150
(1.8) Dia Typ
.073
1
2
3
6
5
4
(2.54) Typ
.100
(16.4)
.646
(3.81) Typ
.150
(1.8) Dia Typ
.073
1
2
3
(2.54) Typ
.100
1
4
7
10
11
85
2
12
96
3
(13.0)
.512
(1.27) Typ
.050
(4.8) Typ
.189
COM
(22.3)
.878
Keyway
(2.7)
.106
(5.08)
.200
(1.4) Typ
.055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com