Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY310 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # HY310
Description  YELLOW HIGH FLUX LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HY310 Datasheet(HTML) 1 Page - Seoul Semiconductor

  HY310 Datasheet HTML 1Page - Seoul Semiconductor HY310 Datasheet HTML 2Page - Seoul Semiconductor HY310 Datasheet HTML 3Page - Seoul Semiconductor HY310 Datasheet HTML 4Page - Seoul Semiconductor HY310 Datasheet HTML 5Page - Seoul Semiconductor HY310 Datasheet HTML 6Page - Seoul Semiconductor HY310 Datasheet HTML 7Page - Seoul Semiconductor HY310 Datasheet HTML 8Page - Seoul Semiconductor HY310 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
-1-
YELLOW HIGH FLUX LED
HY310
<070813> Rev. 1.5
서식번호 : QP-7-03-05 (Rev.00)
Technical Datasheet
This revolutionary package design allows the
lighting designer to reduce the number of
LEDs required and provide a more uniform
and unique illuminated appearance than with
other LED solutions.
This package LEDs are designed for high
current operation and high flux output
application. But the package’s design features
better thermal management characteristics
than other LED solutions. Because of these
advantages, this product have many
applications. Such as automotive tail, stop and
turn signal lamps, and electronic signs etc.
Features
• High flux output and high luminance
• Designed for high current operation
•Uniform color
• Low profile and low thermal resistance
• Packaged in tubes for use with
automatic insertion equipment
Application
• Automotive exterior lighting
• Electronic signs and signals
• Channel letter / lighting
• Decorative lighting
• Specialty Lighting


Similar Part No. - HY310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HY310 SEOUL-HY310 Datasheet
573Kb / 14P
YELLOW HIGH FLUX LED
logo
HYCON Technology Corpor...
HY3102 HYCON-HY3102 Datasheet
2Mb / 34P
24-Bit Analog-to-Digital Convert
HY3102-E016 HYCON-HY3102-E016 Datasheet
2Mb / 34P
24-Bit Analog-to-Digital Convert
HY3106 HYCON-HY3106 Datasheet
2Mb / 34P
24-Bit Analog-to-Digital Convert
HY3106-E016 HYCON-HY3106-E016 Datasheet
2Mb / 34P
24-Bit Analog-to-Digital Convert
More results

Similar Description - HY310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HY330 SEOUL-HY330 Datasheet
488Kb / 11P
YELLOW HIGH FLUX LED
HY310 SEOUL-HY310_1 Datasheet
573Kb / 14P
YELLOW HIGH FLUX LED
HY330 SEOUL-HY330_1 Datasheet
576Kb / 14P
YELLOW HIGH FLUX LED
logo
OptoSupply Internationa...
OSY5CAZ2C1P OPTOSUPPLY-OSY5CAZ2C1P Datasheet
102Kb / 1P
Super Flux Commercial Yellow LED
OSY5CAZ4E1D OPTOSUPPLY-OSY5CAZ4E1D Datasheet
97Kb / 1P
Super Flux Commercial Yellow LED
OSY5MAZ2C1P OPTOSUPPLY-OSY5MAZ2C1P Datasheet
101Kb / 1P
Super Flux Phoenix Yellow LED
OSY5PAZ3K1D OPTOSUPPLY-OSY5PAZ3K1D Datasheet
158Kb / 1P
Super Flux Premium Yellow LED
OSY5PAZ161D OPTOSUPPLY-OSY5PAZ161D Datasheet
159Kb / 1P
Super Flux Premium Yellow LED
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
Super Flux Yellow LED
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
Super Flux Yellow LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com