Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY310 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # HY310
Description  YELLOW HIGH FLUX LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HY310 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button HY310 Datasheet HTML 2Page - Seoul Semiconductor HY310 Datasheet HTML 3Page - Seoul Semiconductor HY310 Datasheet HTML 4Page - Seoul Semiconductor HY310 Datasheet HTML 5Page - Seoul Semiconductor HY310 Datasheet HTML 6Page - Seoul Semiconductor HY310 Datasheet HTML 7Page - Seoul Semiconductor HY310 Datasheet HTML 8Page - Seoul Semiconductor HY310 Datasheet HTML 9Page - Seoul Semiconductor HY310 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-6-
YELLOW HIGH FLUX LED
HY310
<070813> Rev. 1.5
서식번호 : QP-7-03-05 (Rev.00)
Bin Code Description
4
3
J
Forward Voltage
Dominant
Wavelength
Luminous Flux
Bin Code
Available ranks
560
596
4
596
592
3
588
584
1
592
588
2
Max.
Min.
Bin
Code
Dominant Wavelength (nm)
@ I
F = 70mA
3.4
3.2
8
2.0
1.8
1
2.2
2.0
2
2.4
2.2
3
2.6
2.4
4
2.8
2.6
5
3.0
2.8
6
3.2
3.0
7
Max.
Min.
Bin
Code
Forward Voltage (V)
@ I
F = 70mA
13.0
10.0
L
10.0
7.6
K
7.6
5.8
J
5.8
4.4
H
4.4
3.4
G
3.4
2.6
F
2.6
2.0
E
0.7
0.5
A
1.4
1.0
C
2.0
1.4
D
1.0
0.7
B
Max.
Min.
Bin
Code
Luminous Flux (lm)
@ I
F = 70mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com