Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP-SJS Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDP-SJS
Description  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDP-SJS Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDP-SJS Datasheet HTML 1Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 2Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 3Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 4Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 5Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 6Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 7Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 8Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
24/11/2006 V(3.0)
1
Features:
> High brightness surface mount LED.
> Based on InGaN on patented SiC technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DomiLEDTM
AlInGaP : DDP-SJS-NP2-1-I3
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
DOMINANTTM
Semiconductors
Innovating Illumination
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).


Similar Part No. - DDP-SJS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDP-SJS-L1 DOMINANT-DDP-SJS-L1 Datasheet
804Kb / 16P
LED AlInGaP
DDP-SJS-L2 DOMINANT-DDP-SJS-L2 Datasheet
804Kb / 16P
LED AlInGaP
DDP-SJS-LM2-1 DOMINANT-DDP-SJS-LM2-1 Datasheet
804Kb / 16P
LED AlInGaP
DDP-SJS-M1 DOMINANT-DDP-SJS-M1 Datasheet
804Kb / 16P
LED AlInGaP
DDP-SJS-M2 DOMINANT-DDP-SJS-M2 Datasheet
804Kb / 16P
LED AlInGaP
More results

Similar Description - DDP-SJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com