Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP-SJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDP-SJS
Description  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDP-SJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDP-SJS Datasheet HTML 1Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 2Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 3Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 4Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 5Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 6Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 7Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 8Page - DOMINANT Semiconductors DDP-SJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24/11/2006 V(3.0)
2
DDP-SJS-NP2-1-I3
• DDP-SJS-N1
• DDP-SJS-N2
• DDP-SJS-P1
• DDP-SJS-P2
AlInGaP/
Pure Green, 560nm
120
28.5 - 71.5
28.5 - 35.5
35.5 - 45.0
45.0 - 56.0
56.0 - 71.5
AlInGaP : DDP-SJS-NP2-1-I3
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 30mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Vf @ If = 30mA
Forward voltage are measured using a current pulse of 1 ms and with an accuracy of ± 0.1 V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DDP-SJS
2.4
12
Typ. (V)
1.9
Group
Wavelength Grouping.
Color
DDP; Pure Green
Full
552.5 - 564.5
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength distribution(nm)
W
552.5 - 555.5
X
555.5 - 558.5
Y
558.5 - 561.5
Z
561.5 - 564.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com