Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2B-CSS Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # N2B-CSS
Description  SPNovaLED InGaN : 50mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

N2B-CSS Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  N2B-CSS Datasheet HTML 1Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 2Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 3Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 4Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 5Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 6Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 7Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 8Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
27/11/2006 V6.0
1
Features:
> Super high brightness surface mount LED.
> High flux output.
> 120° viewing angle.
> Compact package outline (LxWxH) of 6.0 x 6.0 x 1.5mm.
> Ultra low height profile - 1.5 mm.
> Designed for high current drive; typically 50 mA.
> Low thermal resistance; Rth (js) = 20 K/W.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
SPNovaLEDTM
Featuring a staggering brilliance and significant flux output, the
SPNovaLED™ showcases the latest technological advent in this
range. With its extremely high level of brightness and the ultra
low high profile, which is only 1.5 mm are highly suitable for both
conventional lighting and specialized application such as auto-
motive signal lights, traffic lights, channel lights, tube lights and
garden lights among others.
DATA SHEET:
SPNovaLEDTM
InGaN : 50mA
© 2005 SPNovaLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: exterior applications, eg: Center High Mounted
Stop Light (CHMSL), Rear Combination Lights (RCLs), Signal light-
ting, Fog-lamp, etc.
> Communication: indicator and backlight in mobilephone.
> Industry: white goods (eg: Oven, microwave, etc.).
> Lighting: garden light, architecture lighting, general lighting. etc
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Description - N2B-CSS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
SPNovaLED: 20mA
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
SPNovaLED InGaN White High Lumens : 350 mA
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
SPNovaLED InGaN White: 350 mA
NPF-TSD-ABD-1 DOMINANT-NPF-TSD-ABD-1 Datasheet
499Kb / 14P
SPNovaLED InGaN Warm White High Lumens : 350 mA
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
SPNovaLED InGaN True Green :1 Watt
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
SPNovaLED InGaN Blue : 1 Watt
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com