Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2B-CSS Datasheet(PDF) 12 Page - DOMINANT Semiconductors

Part # N2B-CSS
Description  SPNovaLED InGaN : 50mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

N2B-CSS Datasheet(HTML) 12 Page - DOMINANT Semiconductors

Back Button N2B-CSS Datasheet HTML 4Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 5Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 6Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 7Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 8Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 9Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 10Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 11Page - DOMINANT Semiconductors N2B-CSS Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SPNovaLED InGaN : 50mA
DOMINANT TM
Semiconductors
Innovating Illumination
Please contact us for more information:
Head Quarter
DOMINANT Semiconductors Sdn. Bhd.
Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia
Tel: (606) 283 3566 Fax: (606) 283 0566
E-mail: sales@dominant-semi.com
DOMINANT China Sales Office
DOMINANT Semiconductors (Shenzhen) Co. Ltd.
24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054
Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789
E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office
DOMINANT Semiconductors Korea Inc.
902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726
Tel: 82-31-777-3978 Fax: 82-31-777-3976
E-mail: sales_korea@dominant-semi.com
DOMINANTTM
Semiconductors
Innovating Illumination
About Us
DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world’s leading SMT LED
Manufacturers. An excellence – driven organization, it offers a comprehensive product range for diverse industries
and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT’s extra bright LEDs
are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in-
dustrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT’s state-of-art
manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More
information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com