Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F202 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC10F202 Datasheet HTML 17Page - Microchip Technology PIC10F202 Datasheet HTML 18Page - Microchip Technology PIC10F202 Datasheet HTML 19Page - Microchip Technology PIC10F202 Datasheet HTML 20Page - Microchip Technology PIC10F202 Datasheet HTML 21Page - Microchip Technology PIC10F202 Datasheet HTML 22Page - Microchip Technology PIC10F202 Datasheet HTML 23Page - Microchip Technology PIC10F202 Datasheet HTML 24Page - Microchip Technology PIC10F202 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 19
PIC10F200/202/204/206
4.4
STATUS Register
This register contains the arithmetic status of the ALU,
the Reset status and the page preselect bit.
The STATUS register can be the destination for any
instruction, as with any other register. If the STATUS
register is the destination for an instruction that affects
the Z, DC or C bits, then the write to these three bits is
disabled. These bits are set or cleared according to the
device logic. Furthermore, the TO and PD bits are not
writable. Therefore, the result of an instruction with the
STATUS register as destination may be different than
intended.
For example, CLRF STATUS, will clear the upper three
bits and set the Z bit. This leaves the STATUS register
as 000u u1uu (where u = unchanged).
Therefore, it is recommended that only BCF, BSF and
MOVWF instructions be used to alter the STATUS regis-
ter. These instructions do not affect the Z, DC or C bits
from the STATUS register. For other instructions which
do affect Status bits, see Section 10.0 “Instruction
Set Summary”.
REGISTER 4-1:
STATUS REGISTER
R/W-0
R/W-0
R/W-0
R-1
R-1
R/W-x
R/W-x
R/W-x
GPWUF
CWUF(1)
—TO
PD
ZDC
C
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GPWUF: GPIO Reset bit
1 = Reset due to wake-up from Sleep on pin change
0 = After power-up or other Reset
bit 6
CWUF: Comparator Wake-up on Change Flag bit(1)
1 = Reset due to wake-up from Sleep on comparator change
0 = After power-up or other Reset conditions.
bit 5
Reserved: Do not use. Use of this bit may affect upward compatibility with future products.
bit 4
TO: Time-out bit
1 = After power-up, CLRWDT instruction or SLEEP instruction
0 = A WDT time-out occurred
bit 3
PD: Power-Down bit
1 = After power-up or by the CLRWDT instruction
0 = By execution of the SLEEP instruction
bit 2
Z: Zero bit
1 = The result of an arithmetic or logic operation is zero
0 = The result of an arithmetic or logic operation is not zero
bit 1
DC: Digit Carry/Borrow bit (for ADDWF and SUBWF instructions)
ADDWF
:
1 = A carry from the 4th low-order bit of the result occurred
0 = A carry from the 4th low-order bit of the result did not occur
SUBWF
:
1 = A borrow from the 4th low-order bit of the result did not occur
0 = A borrow from the 4th low-order bit of the result occurred
bit 0
C: Carry/Borrow bit (for ADDWF, SUBWF and RRF, RLF instructions)
ADDWF
:
SUBWF
:
RRF
or RLF:
1 = A carry occurred
1 = A borrow did not occur Load bit with LSb or MSb, respectively
0 = A carry did not occur
0 = A borrow occurred
Note 1:
This bit is used on the PIC10F204/206. For code compatibility do not use this bit on the PIC10F200/202.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com