Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F202 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC10F202 Datasheet HTML 3Page - Microchip Technology PIC10F202 Datasheet HTML 4Page - Microchip Technology PIC10F202 Datasheet HTML 5Page - Microchip Technology PIC10F202 Datasheet HTML 6Page - Microchip Technology PIC10F202 Datasheet HTML 7Page - Microchip Technology PIC10F202 Datasheet HTML 8Page - Microchip Technology PIC10F202 Datasheet HTML 9Page - Microchip Technology PIC10F202 Datasheet HTML 10Page - Microchip Technology PIC10F202 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 5
PIC10F200/202/204/206
1.0
GENERAL DESCRIPTION
The PIC10F200/202/204/206 devices from Microchip
Technology are low-cost, high-performance, 8-bit, fully-
static, Flash-based CMOS microcontrollers. They
employ a RISC architecture with only 33 single-word/
single-cycle instructions. All instructions are single
cycle (1
μs) except for program branches, which take
two cycles. The PIC10F200/202/204/206 devices
deliver performance in an order of magnitude higher
than their competitors in the same price category. The
12-bit wide instructions are highly symmetrical, result-
ing in a typical 2:1 code compression over other 8-bit
microcontrollers in its class. The easy-to-use and easy
to remember instruction set reduces development time
significantly.
The PIC10F200/202/204/206 products are equipped
with special features that reduce system cost and
power requirements. The Power-on Reset (POR) and
Device Reset Timer (DRT) eliminate the need for exter-
nal Reset circuitry. INTRC Internal Oscillator mode is
provided, thereby preserving the limited number of I/O
available. Power-Saving Sleep mode, Watchdog Timer
and code protection features improve system cost,
power and reliability.
The PIC10F200/202/204/206 devices are available in
cost-effective Flash, which is suitable for production in
any volume. The customer can take full advantage of
Microchip’s price leadership in Flash programmable
microcontrollers, while benefiting from the Flash
programmable flexibility.
The PIC10F200/202/204/206 products are supported
by a full-featured macro assembler, a software simula-
tor, an in-circuit debugger, a ‘C’ compiler, a low-cost
development programmer and a full featured program-
mer. All the tools are supported on IBM® PC and
compatible machines.
1.1
Applications
The PIC10F200/202/204/206 devices fit in applications
ranging from personal care appliances and security
systems to low-power remote transmitters/receivers.
The Flash technology makes customizing application
programs (transmitter codes, appliance settings,
receiver frequencies, etc.) extremely fast and conve-
nient. The small footprint packages, for through hole or
surface mounting, make these microcontrollers well
suited for applications with space limitations. Low cost,
low power, high performance, ease-of-use and I/O
flexibility make the PIC10F200/202/204/206 devices
very versatile even in areas where no microcontroller
use has been considered before (e.g., timer functions,
logic and PLDs in larger systems and coprocessor
applications).
TABLE 1-1:
PIC10F200/202/204/206 DEVICES
PIC10F200
PIC10F202
PIC10F204
PIC10F206
Clock
Maximum Frequency of Operation (MHz)
4
4
4
4
Memory
Flash Program Memory
256
512
256
512
Data Memory (bytes)
16
24
16
24
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
Wake-up from Sleep on Pin Change
Yes
Yes
Yes
Yes
Comparators
0
0
1
1
Features
I/O Pins
3
3
3
3
Input-Only Pins
1
1
1
1
Internal Pull-ups
Yes
Yes
Yes
Yes
In-Circuit Serial Programming™
Yes
Yes
Yes
Yes
Number of Instructions
33
33
33
33
Packages
6-pin SOT-23
8-pin PDIP, DFN
6-pin SOT-23
8-pin PDIP, DFN
6-pin SOT-23
8-pin PDIP, DFN
6-pin SOT-23
8-pin PDIP, DFN
The PIC10F200/202/204/206 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current
capability and precision internal oscillator.
The PIC10F200/202/204/206 device uses serial programming with data pin GP0 and clock pin GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com