Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSO-CSS-Q1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DSO-CSS-Q1
Description  Right Angle LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSO-CSS-Q1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DSO-CSS-Q1 Datasheet HTML 1Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 2Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 3Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 4Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 5Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 6Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 7Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 8Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
03/04/2006 V7.0
3
DSO-SSS-RS2-1
• DSO-SSS-R1
• DSO-SSS-R2
• DSO-SSS-S1
• DSO-SSS-S2
DSY-CSS-QR2-1
• DSY-CSS-Q1
• DSY-CSS-Q2
• DSY-CSS-R1
• DD0-CSS-R2
DSY-SSS-RS2-1
• DSY-SSS-R1
• DSY-SSS-R2
• DSY-SSS-S1
• DSY-SSS-S2
DSG-SSS-PQ2-1
• DSG-SSS-P1
• DSG-SSS-P2
• DSG-SSS-Q1
• DSG-SSS-Q2
AllnGap
Orange, 605nm
AllnGap
Yellow, 587nm
AllnGaP
Green, 572nm
120
120
120
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
45.0 - 90.0
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
90.0 - 112.5
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
AllnGap : DSx-xSS
DOMINANT TM
Semiconductors
Innovating Illumination
NOTE
1. All part number above comes in a quantity of 2500 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf binning is also available upon request. Binning scheme is as per following table. Please contact marketing for special part
number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com