Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSO-CSS-Q1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DSO-CSS-Q1
Description  Right Angle LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSO-CSS-Q1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DSO-CSS-Q1 Datasheet HTML 1Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 2Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 3Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 4Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 5Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 6Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 7Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 8Page - DOMINANT Semiconductors DSO-CSS-Q1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
03/04/2006 V7.0
1
Features:
> High brightness surface mount LED.
> Designed for sideway illumination.
> 120° viewing angle.
> Small package outline.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
Right Angle DomiLEDTM
AlInGaP : DSx-xSS
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DSO-CSS-Q1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSO-CSS-QR2-1 DOMINANT-DSO-CSS-QR2-1 Datasheet
823Kb / 16P
Right Angle DomiLED
More results

Similar Description - DSO-CSS-Q1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
L72CB-1G1YDA MICRO-ELECTRONICS-L72CB-1G1YDA Datasheet
102Kb / 2P
RIGHT ANGLE LED LAMPS
L72CB-1XXA MICRO-ELECTRONICS-L72CB-1XXA Datasheet
92Kb / 2P
RIGHT ANGLE LED LAMPS
L72CB-1Y1GDA MICRO-ELECTRONICS-L72CB-1Y1GDA Datasheet
72Kb / 2P
RIGHT ANGLE LED LAMPS
L72CB MICRO-ELECTRONICS-L72CB Datasheet
110Kb / 2P
RIGHT ANGLE LED LAMPS
logo
Gilway Technical Lamp
GHB-0802R-R GILWAY-GHB-0802R-R Datasheet
137Kb / 4P
2.1x0.6mm RIGHT ANGLE SURFACE LED
logo
Chicago Miniature Lamp,...
5636D1 CML-5636D1 Datasheet
24Kb / 1P
Right Angle LED Assembly
logo
DOMINANT Semiconductors
DSB-SSS-PQ2-1 DOMINANT-DSB-SSS-PQ2-1 Datasheet
536Kb / 12P
Right Angle LED
logo
Visual Communications C...
5635 VCC-5635 Datasheet
78Kb / 1P
Right Angle LED Assembly
5636 VCC-5636 Datasheet
88Kb / 1P
Right Angle LED Assembly
logo
Kingbright Corporation
WP934AD-YD KINGBRIGHT-WP934AD-YD Datasheet
382Kb / 5P
3mm RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com