Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505-E/MC Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F505-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/MC Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F505-E/MC Datasheet HTML 17Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 18Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 19Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 20Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 21Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 22Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 23Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 24Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41236C-page 19
PIC12F508/509/16F505
TABLE 4-2:
SPECIAL FUNCTION REGISTER (SFR) SUMMARY (PIC16F505)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset(2)
Page #
00h
INDF
Uses Contents of FSR to Address Data Memory (not a physical
register)
xxxx xxxx
26
01h
TMR0
8-bit Real-Time Clock/Counter
xxxx xxxx
33
02h(1)
PCL
Low-order 8 bits of PC
1111 1111
25
03h
STATUS
RBWUF
—PA0
TO
PD
ZDC
C
0-01 1xxx
20
04h
FSR
Indirect Data Memory Address Pointer
110x xxxx
26
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
24
06h
PORTB
—
—
RB5
RB4
RB3
RB2
RB1
RB0
--xx xxxx
29
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
29
N/A
TRISB
—
—
I/O Control Register
--11 1111
29
N/A
TRISC
—
—
I/O Control Register
--11 1111
29
N/A
OPTION
RBWU
RBPU
TOCS
TOSE
PSA
PS2
PS1
PS0
1111 1111
23
Legend: – = unimplemented, read as ‘0’, x = unknown, u = unchanged, q = value depends on condition.
Note 1:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
2:
Other (non Power-up) Resets include external reset through MCLR, Watchdog Timer and wake-up on pin
change Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com