Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505-E/MC Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F505-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/MC Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F505-E/MC Datasheet HTML 31Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 32Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 33Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 34Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 35Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 36Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 37Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 38Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41236C-page 33
PIC12F508/509/16F505
6.0
TIMER0 MODULE AND TMR0
REGISTER
The Timer0 module has the following features:
• 8-bit timer/counter register, TMR0
• Readable and writable
• 8-bit software programmable prescaler
• Internal or external clock select:
- Edge select for external clock
Figure 6-1 is a simplified block diagram of the Timer0
module.
Timer mode is selected by clearing the T0CS bit
(OPTION<5>). In Timer mode, the Timer0 module will
increment every instruction cycle (without prescaler). If
TMR0 register is written, the increment is inhibited for
the following two cycles (Figure 6-2 and Figure 6-3).
The user can work around this by writing an adjusted
value to the TMR0 register.
Counter mode is selected by setting the T0CS bit
(OPTION<5>). In this mode, Timer0 will increment
either on every rising or falling edge of pin T0CKI. The
T0SE bit (OPTION<4>) determines the source edge.
Clearing the T0SE bit selects the rising edge. Restric-
tions on the external clock input are discussed in detail
in Section 6.1 “Using Timer0 with an External
Clock”.
The prescaler may be used by either the Timer0
module or the Watchdog Timer, but not both. The
prescaler assignment is controlled in software by the
control bit, PSA (OPTION<3>). Clearing the PSA bit
will assign the prescaler to Timer0. The prescaler is not
readable or writable. When the prescaler is assigned to
the Timer0 module, prescale values of 1:2, 1:4,...,
1:256 are selectable. Section 6.2 “Prescaler” details
the operation of the prescaler.
A summary of registers associated with the Timer0
module is found in Table 6-1.
FIGURE 6-1:
TIMER0 BLOCK DIAGRAM
FIGURE 6-2:
TIMER0 TIMING: INTERNAL CLOCK/NO PRESCALE
Note 1:
Bits T0CS, T0SE, PSA, PS2, PS1 and PS0 are located in the OPTION register.
2:
The prescaler is shared with the Watchdog Timer (Figure 6-5).
0
1
1
0
T0CS(1)
FOSC/4
Programmable
Prescaler(2)
Sync with
Internal
Clocks
TMR0 Reg
PSOUT
(2 TCY delay)
PSOUT
Data Bus
8
PSA(1)
PS2, PS1, PS0(1)
3
Sync
T0SE
(GP2/RC5)/T0CKI
Pin
PC – 1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Instruction
Fetch
Timer0
PC
PC + 1
PC + 2
PC + 3
PC + 4
PC + 6
T0
T0 + 1
T0 + 2
NT0
NT0 + 1
NT0 + 2
MOVWF TMR0
MOVF TMR0,W MOVF TMR0,W MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
Write TMR0
executed
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0 + 1
Read TMR0
reads NT0 + 2
Instruction
Executed
PC + 5
PC
(Program
Counter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com