Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F16-E/PSQTP Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F16-E/PSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PSQTP Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F16-E/PSQTP Datasheet HTML 40Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 41Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 42Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 43Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 44Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 45Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 46Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 47Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 136 page
background image
PIC16F716
DS41206B-page 42
© 2007 Microchip Technology Inc.
REGISTER 7-2:
ADCON1: A/D CONTROL REGISTER 1
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
PCFG<2:0>: A/D Port Configuration Control bits.
The following table illustrates the effects of the various configurations:
PCFG<2:0>
AN3/
RA3
AN2/
RA2
AN2/
RA1
AN0/
RA0
VREF
0x0
AAA
A
VDD
0x1
VREF
AA
A
RA3
100
AD
A
A
VDD
101
VREF
DA
A
RA3
11x
DDD
D
VDD
Legend:
A = Analog input, D = Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com