Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F16-E/PSQTP Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F16-E/PSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PSQTP Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F16-E/PSQTP Datasheet HTML 65Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 66Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 67Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 68Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 69Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 70Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 71Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 72Page - Microchip Technology PIC16F16-E/PSQTP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 67
PIC16F716
FIGURE 9-7:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 9-8:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
FIGURE 9-9:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 3
Note 1: This circuit will activate Reset when VDD goes
below (Vz + 0.7V) where Vz = Zener voltage.
2: Internal Brown-out Reset circuitry should be
disabled when using this circuit.
VDD
33k
10k
40k
VDD
MCLR
PIC16F716
Q1
Note 1: This brown-out circuit is less expensive, albeit
less accurate. Transistor Q1 turns off when VDD
is below a certain level such that:
2: Internal Brown-out Reset should be disabled
when using this circuit.
3: Resistors should be adjusted for the
characteristics of the transistor.
VDD x
R1
R1 + R2
= 0.7 V
VDD
R2
40k
VDD
MCLR
PIC16F716
R1
Q1
Note 1:
This brown-out protection circuit employs
Microchip Technology’s MCP809
microcontroller supervisor. The MCP8XX and
MCP1XX families of supervisors provide
push-pull and open collector outputs with
both high and low active Reset pins. There
are 7 different trip point selections to
accommodate 5V and 3V systems.
MCLR
PIC16F716
VDD
VDD
Vss
RST
MCP809
VDD
bypass
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com