Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AM417
Description  RATIOMETRIC VOLTAGE TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM417 Datasheet(HTML) 2 Page - Analog Microelectronics

  AM417 Datasheet HTML 1Page - Analog Microelectronics AM417 Datasheet HTML 2Page - Analog Microelectronics AM417 Datasheet HTML 3Page - Analog Microelectronics AM417 Datasheet HTML 4Page - Analog Microelectronics AM417 Datasheet HTML 5Page - Analog Microelectronics AM417 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATIOMETRIC VOLTAGE TRANSMITTER
AM417
analog microelectronics
April 99
2/6
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 5V (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range (Ratio Range)
VCC
4.75
5
5.25
V
Maximum Supply Voltage
VCCmax
6V
Quiescent Current
ICC
RRB = 500
Ω, IIB = 1mA
6.2
mA
Temperature Specifications
Operating
Tamb
–40
100
°C
Storage
Tst
–55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θja
DIL8 plastic package
110
°C/W
Θja
SO8 plastic package
180
°C/W
Ratiometric Current Source – Transducer
Internal Sense Voltage
VRB
ratiometric with VCC, VVCC = 5V
0.5
V
Output Current Range
IIB
0.50
1.25
mA
Output Current
IIB
ratiometric with VCC,
RRB = 500
Ω, VVCC = 5V
0.98
1
1.02
mA
Ratiometric Error
RAT@IB
VVCC = 5.25V,
RAT@IB = 1.05 VRB (VVCC = 5V)
– VRB (VVCC = 5.25V)
±1
mV
IRB vs. Temperature
dIRB/dTIIB = 1mA
±20
ppm/°C
Output Voltage Range
VIB
IIB = 1.25mA
1.5
VCC–0.5
V
Output Resistance
RIB
IIB = 1mA, RIB =
∆UIB/∆IIB,
VVIB = 5V, IIB = 1mA
1.5
4.5
M
Ω
Power Supply Rejection Ratio
∆IIB
∆VCC = 4.75V – 5.25V,
VVIB = 5V, IIB = 1mA
76
90
dB
Instrumentation Amplifier
Input Voltage Range
VIN+;–
1.5
VCC–2
V
Internal Gain
GIA
VIN– = 2V,
∆VIN = 200mV
GIA =
∆VVIA/∆VIN
9.8
10.0
10.2
Common Mode Rejection Ratio
CMRR
80
90
dB
Power Supply Rejection Ratio
PSRR
74
80
dB
Offset Voltage
VOS
±3
mV
VOS vs. Temperature
dVOS/dT
±10
µV/°C
Input Bias Current
IB
VIN = 2V
25
75
nA
Output Voltage Range
VVIA
0
VCC–2
V
Output Resistance
ROUT
20
k
Ω
Nonlinearity
∆VIN = 200mV, ideal input
0.1
% FS
Voltage Output Stage
Adjustable Gain
GOUT
211
Input Voltage Range
VVR
0
VCC–2.5
V
Power Supply Rejection Ratio
PSSR
–72
–90
dB
Offset Voltage
VOS
±3.0
mV
VOS vs. Temperature
dVOS/dT
∆VIN = 50mV
±15
µV/°C
Input Current
IIN
∆VIN = 50mV
20
75
nA
Output Voltage Range
VOUT
with transistor BCW68H
IOUT = 10mA (see figure 5)
0.5
4.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com