Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AM417
Description  RATIOMETRIC VOLTAGE TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM417 Datasheet(HTML) 6 Page - Analog Microelectronics

  AM417 Datasheet HTML 1Page - Analog Microelectronics AM417 Datasheet HTML 2Page - Analog Microelectronics AM417 Datasheet HTML 3Page - Analog Microelectronics AM417 Datasheet HTML 4Page - Analog Microelectronics AM417 Datasheet HTML 5Page - Analog Microelectronics AM417 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATIOMETRIC VOLTAGE TRANSMITTER
AM417
analog microelectronics
April 99
6/6
APPLICATION FOR OUTPUT VOLTAGE 0.5...4.5V
The current application shows the basic functions of the AM417. With the given values of the ex-
ternal components (see List of External Components) the following application features are ad-
justed:
• VIN = 100mV
• G = GIA GOUT = 40
• VOUT = 0.5 – 4.5V
• IOUT = +10mA – 0.25mA
• IBR = 1mA (ratiometrical supply current for the pressure transducer)
LIST OF EXTERNAL COMPONENTS
Symbol
Description
Value
Unit
T1
BCW68H, BC557C (or similar)
low drop, high
β at10mA
PNP
R1
IBR = 1 mA
500
Ω
R2
IOUT = 10mA min (100°C)
15
Ω
R3
Span (Gain adjustment)
500
Ω
R4
VOUT = R3 / (R3 + R4) G
1.5
k
Ω
RS
typical transducer resistor
3.0 (typ.)
k
Ω
RTCS
TC span compensation
10 – 120
k
Ω
RO1, RO2
Offset adjustment
0 – 500
Ω
RTCO1, RTCO2
TC offset adjustment
0.1 – 10.0
M
Ω
C1
330
nF
C2
± 10%
4.7
nF
C3
± 10%
1.0
nF
C
1
C
2
R
1
R
4
R
3
C
3
R
O1
R
O2
R
TCS
R
TCO1
V
OUT
V
S
Ground
R
TCO2
V
IN
R
S RS
R
S RS
IA
4
5
8
7
1
AM417
2
Output
Stage
6
3
9R
1R
I
BR
OP
V
CC
T
1
R
2
Figure 5
The information provided herein is believed to be reliable; however, Analog Microelectronics assumes no responsibility for inaccuracies or omissions. Analog Microelectronics assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licences to any of
the circuits described herein are implied or granted to any third party. Analog Microelectronics does not authorise or warrant any Analog Microelectronics product use in life support devices and/or
systems.
}



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com