Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWR-TJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWR-TJS
Description  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWR-TJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWR-TJS Datasheet HTML 1Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 2Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 3Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 4Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 5Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 6Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 7Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 8Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
29/09/2005 V8.0
4
AlInGaP : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
Typ. (V)
Vf @ If = 50mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWS-SJS, DWR-SJS, DWA-SJS,
DWR-TJS, DWY-TJS
2.1
2.6
12
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage
ESD Thereshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
70
100
12
2
125
-40 … +100
-40 … +100
225
mA
mA
V
kV
˚C
˚C
˚C
mW
2.6
3.2
Vf Bining (Optional)
Forward Voltage (V)
Vf @ If = 50mA
50
51
52
53
54
1.7 ... 2.0
2.0 ... 2.3
2.3 ... 2.6
2.6 ... 2.9
2.9 ... 3.2
Forward voltage, Vf is measured with an accuracy of ± 0.1V.
DWO-SJS, DWY-SJS, DWP-SJS
Please consult sales and marketing for special part number to incorporate Vf binning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com