Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWR-TJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DWR-TJS
Description  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWR-TJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DWR-TJS Datasheet HTML 1Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 2Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 3Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 4Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 5Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 6Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 7Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 8Page - DOMINANT Semiconductors DWR-TJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
29/09/2005 V8.0
2
DWS-SJS-ST2-1
• DWS-SJS-S1
• DWS-SJS-S2
• DWS-SJS-T1
• DWS-SJS-T2
DWR-SJS-TU2-1
• DWR-SJS-T1
• DWR-SJS-T2
• DWR-SJS-U1
• DWR-SJS-U2
DWR-TJS-UV2-1
• DWR-TJS-U1
• DWR-TJS-U2
• DWR-TJS-V1
• DWR-TJS-V2
DWR-TJS-VW2-1
• DWR-TJS-V1
• DWR-TJS-V2
• DWR-TJS-W1
• DWR-TJS-W2
DWA-SJS-UV2-1
• DWA-SJS-U1
• DWA-SJS-U2
• DWA-SJS-V1
• DWA-SJS-V2
DWO-SJS-UV2-1
• DWO-SJS-U1
• DWO-SJS-U2
• DWO-SJS-V1
• DWO-SJS-V2
DWY-SJS-UV1-1
• DWY-SJS-U1
• DWY-SJS-U2
• DWY-SJS-V1
DWY-TJS-UV2-1
• DWY-TJS-U1
• DWY-TJS-U2
• DWY-TJS-V1
• DWY-TJS-V2
AS AlIGaP
Super Red, 632nm
AS AlIGaP
Red, 625nm
TS AlIGaP
Red, 625nm
TS AlIGaP
Red, 625nm
AS AlIGaP
Amber, 615nm
AS AlIGaP
Orange, 605nm
AS AlIGaP
Yellow, 587nm
TS AlIGaP
Yellow, 587nm
120
120
120
120
120
120
120
120
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 715.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
715.0 - 1800.0
715.0 - 900.0
900.0 - 1125.0
1125.0 - 1400.0
1400.0 - 1800.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
450.0 - 900.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
AlInGaP : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 50mA IV (mcd)
750
900
2000
3200
1400
1400
1000
1600
Total Flux @
IF=50mA, mlm (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com