Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM460 Datasheet(HTML) 2 Page - Analog Microelectronics

  AM460 Datasheet HTML 1Page - Analog Microelectronics AM460 Datasheet HTML 2Page - Analog Microelectronics AM460 Datasheet HTML 3Page - Analog Microelectronics AM460 Datasheet HTML 4Page - Analog Microelectronics AM460 Datasheet HTML 5Page - Analog Microelectronics AM460 Datasheet HTML 6Page - Analog Microelectronics AM460 Datasheet HTML 7Page - Analog Microelectronics AM460 Datasheet HTML 8Page - Analog Microelectronics AM460 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
2/18
TABLE OF CONTENTS
Features
3
General Description
3
Block Diagram
3
Electrical Specifications
4
Boundary Conditions
6
Detailed Description of Functions
6
Operating AM460
8
General information on 2- and 3-wire applications and the use of the current output
8
Setting the voltage gain using the voltage output
9
Setting the output current range using the current output
9
Selecting the supply voltage
9
Connecting OP2 as a current source
10
Connecting OP2 as a voltage reference
11
Operating AM460: Important Points to Note
12
Applications
12
Typical 3-wire application with an input signal referenced to ground
12
Typical 2-wire application with an input signal referenced to ground
14
Block Diagram and Pinout
16
Examples of Possible Applications
17
Delivery
18
Further Reading
18
TABLE OF FIGURES
Table 1: AM460 pinout
16
Figure 1: Block diagram of AM460
3
Figure 2: Block diagram of AM460 with external components (3-wire circuit for current output)
7
Figure 3: Difference between 2- and 3-wire operation
8
Figure 4: Working range in conjunction with the load resistor
10
Figure 5: Connecting up a constant current source
10
Figure 6: Connecting up a voltage reference
11
Figure 7: Typical application for input signals referenced to ground
13
Figure 8: Typical 2-wire application for input signals referenced to ground
14
Figure 9: Block diagram of AM460
16
Figure 10: Pinout
16
Figure 11: Application for input signals referenced to ground (protected output stage, impedance converter etc.)
17
Figure 12: Complex configuration as a peripheral processor IC
17
Figure 13: Conversion of a 0.5...4.5V sensor signal
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com