Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM460 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM460 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AM460 Datasheet HTML 2Page - Analog Microelectronics AM460 Datasheet HTML 3Page - Analog Microelectronics AM460 Datasheet HTML 4Page - Analog Microelectronics AM460 Datasheet HTML 5Page - Analog Microelectronics AM460 Datasheet HTML 6Page - Analog Microelectronics AM460 Datasheet HTML 7Page - Analog Microelectronics AM460 Datasheet HTML 8Page - Analog Microelectronics AM460 Datasheet HTML 9Page - Analog Microelectronics AM460 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
6/18
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
SET Stage
Internal Gain
GSET
0.5
Input Voltage
VSET
01.15
V
Offset Voltage
VOS
±
0.5
±
1.5
mV
VOS vs. Temperature
dVOS/dT
±
1.6
±
5µV/°C
Input Bias Current
IB
820
nA
IB vs. Temperature
dIB/dT
718
pA/°C
Protection Functions
Voltage Limitation at R0
VLIMR0
VR0 = VINDAI GVI, SET = GND
580
635
690
mV
VLIMR0
VINDAI = 0, VR0 = GSET VSET
580
635
690
mV
Protection against reverse polarity
Ground vs. VS vs. VOUT
35
V
Ground vs. VS vs. IOUT
35
V
Current with reverse polarity
Ground = 35V, VS = IOUT = 0
4.5
mA
System Parameters
Nonlinearity
Ideal input
0.05
0.15
%FS
* In 2-wire operation a maximum current of IOUTmin – ICC is valid
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sense Resistor
R0
IOUTFS = 20mA
172738
Ω
R0
c = 20mA/IOUTFS
c
⋅ 17
c
⋅ 27
c
⋅ 38
Ω
Stabilisation Resistor
R5
IOUTFS = 20mA
354045
Ω
R5
c = 20mA/IOUTFS
c
⋅ 35
c
⋅ 40
c
⋅ 45
Ω
Load Resistor
RL
Only for 3-wire operation
0
600
Ω
Sum Gain Resistors
R1 + R2
20
200
k
Ω
Sum Offset Resistors
R3 + R4
20
200
k
Ω
VREF Capacitor
C1
Ceramic
1.9
2.2
5.0
µF
Output Capacitor
C2
Only for 2-wire operation
90
100
250
nF
D1 Breakdown Voltage
VBR
35
50
V
T1 Forward Current Gain
β
F
BCX54/55/56, for example
50
150
DETAILED DESCRIPTION OF FUNCTIONS
AM460 is a modular, universal converter and protector IC which has been specially developed for the condi-
tioning of voltage signals referenced to ground. It has been conceived for both 2- and 3-wire operation
1 in in-
dustrial applications (cf. application on page 8). The functions of AM460 are depicted in the block diagram
(Figure 2) which also illustrates how few external components are required for the operation of this particular
device. Electrical specifications for the external components are given on page 6.
1The principle of AM460 is such that only the current output can be used in 2-wire operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com